전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF540ZL 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF540ZL
상세설명  AUTOMOTIVE MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF540ZL 데이터시트(HTML) 4 Page - International Rectifier

  IRF540ZL Datasheet HTML 1Page - International Rectifier IRF540ZL Datasheet HTML 2Page - International Rectifier IRF540ZL Datasheet HTML 3Page - International Rectifier IRF540ZL Datasheet HTML 4Page - International Rectifier IRF540ZL Datasheet HTML 5Page - International Rectifier IRF540ZL Datasheet HTML 6Page - International Rectifier IRF540ZL Datasheet HTML 7Page - International Rectifier IRF540ZL Datasheet HTML 8Page - International Rectifier IRF540ZL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRF540Z/S/L
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = C gs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
10203040
5060
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 80V
VDS= 50V
VDS= 20V
ID= 22A
FOR TEST CIRCUIT
SEE FIGURE 13
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec


유사한 부품 번호 - IRF540ZL

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF540ZL IRF-IRF540ZL Datasheet
308Kb / 13P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF540ZL ISC-IRF540ZL Datasheet
301Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF540ZLPBF IRF-IRF540ZLPBF Datasheet
349Kb / 12P
   AUTOMOTIVE MOSFET
IRF540ZLPBF IRF-IRF540ZLPBF Datasheet
384Kb / 12P
   Advanced Process Technology
IRF540ZLPBF IRF-IRF540ZLPBF Datasheet
384Kb / 12P
   Advanced Process Technology
More results

유사한 설명 - IRF540ZL

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com