전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS7040-2EPA 데이터시트(PDF) 28 Page - Infineon Technologies AG

부품명 BTS7040-2EPA
상세설명  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7040-2EPA 데이터시트(HTML) 28 Page - Infineon Technologies AG

Back Button BTS7040-2EPA Datasheet HTML 24Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 25Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 26Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 27Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 28Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 29Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 30Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 31Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Data Sheet
28
Rev. 1.00
2017-08-24
BTS7040-2EPA
PROFETTM+2
Power Stages
ON-State Resistance in
Inverse Current at TJ = 150 °C
RDS(INV)_150 ––
45
TJ = 150 °C
VS = 13.5 V
IL = -2 A
P_7.5.6.5
ON-State Resistance in
Reverse Polarity at TJ = 25 °C
RDS(REV)_25
–21
1)
TJ = 25 °C
VS = -13.5 V
IL = -2 A
RSENSE = 1.2 kΩ
P_7.5.6.6
ON-State Resistance in
Reverse Polarity at
TJ = 150 °C
RDS(REV)_150 ––
74
TJ = 150 °C
VS = -13.5 V
IL = -2 A
RSENSE = 1.2 kΩ
P_7.5.6.7
Nominal Load Current per
Channel (all Channels
Active)
IL(NOM)
–3.5
–A
1)
TA = 85 °C
TJ ≤ 150 °C
P_7.5.6.8
Output Leakage Current at
TJ ≤ 85 °C
IL(OFF)_85
–0.01
0.5
μA
1)
VOUT = 0 V
VIN = “low”
TA ≤ 85 °C
P_7.5.6.9
Output Leakage Current at
TJ = 150 °C
IL(OFF)_150
–1.2
4
μA
VOUT = 0 V
VIN = “low”
TA = 150 °C
P_7.5.6.10
Inverse Current Capability
IL(INV)
–3.5
–A
1)
VS < VOUT
IN = “high”
P_7.5.6.11
Voltage Slope
Passive Slew Rate (e.g. for
Half Bridge Configuration)
|dVOUT / dt |–
10
V/μs 1)
VS = 13.5 V
P_7.5.6.12
Voltages
Drain Source Diode Voltage |VDS(DIODE)| –
650
700
mV
IL = -190 mA
TJ = 150 °C
P_7.5.6.13
Switch-ON Energy
EON
–0.44
mJ
1)
VS = 18 V
P_7.5.6.14
Switch-OFF Energy
EOFF
–0.55
mJ
1)
VS = 18 V
P_7.5.6.15
1) Not subject to production test - specified by design
Table 13
Electrical Characteristics: Power Stages - 40 mΩ (continued)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


유사한 부품 번호 - BTS7040-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS7040-2EPA INFINEON-BTS7040-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

유사한 설명 - BTS7040-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com