전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS7040-2EPA 데이터시트(PDF) 50 Page - Infineon Technologies AG

부품명 BTS7040-2EPA
상세설명  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7040-2EPA 데이터시트(HTML) 50 Page - Infineon Technologies AG

Back Button BTS7040-2EPA Datasheet HTML 46Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 47Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 48Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 49Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 50Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 51Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 52Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 53Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 54Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Data Sheet
50
Rev. 1.00
2017-08-24
BTS7040-2EPA
PROFETTM+2
Diagnosis
Table 22
Electrical Characteristics: Diagnosis - 40 mΩ
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Open Load Output Current
at IIS = 4 µA
IL(OL)_4u
16
11
mA
IIS = IIS(OL) = 4 µA
P_9.7.6.1
Current Sense Ratio at
IL = IL02
kILIS02
-40%
1800
+40%
IL02 = 20 mA
P_9.7.6.6
Current Sense Ratio at
IL = IL04
kILIS04
-35%
1800
+35%
IL04 = 50 mA
P_9.7.6.8
Current Sense Ratio at
IL = IL05
kILIS05
-30%
1800
+30%
IL05 = 100 mA
P_9.7.6.9
Current Sense Ratio at
IL = IL08
kILIS08
-26%
1800
+26%
IL08 = 250 mA
P_9.7.6.12
Current Sense Ratio at
IL = IL11
kILIS11
-11%
1800
+11%
IL11 = 1 A
P_9.7.6.15
Current Sense Ratio at
IL = IL13
kILIS13
-6%
1800
+6%
IL13 = 2 A
P_9.7.6.17
Current Sense Ratio at
IL = IL15
kILIS15
-5%
1800
+5%
IL15 = 4 A
P_9.7.6.19
SENSE Current Derating
with Low Current
Calibration
ΔkILIS(OL)
-30
0
+30
%
1)
IL(CAL)_OL = IL04
IL(CAL)_OL_H = IL05
IL(CAL)_OL_L = IL02
TA(CAL) = 25 °C
P_9.7.6.27
SENSE Current Derating
with Nominal Current
Calibration
ΔkILIS(NOM)
-4
0
+4
%
1)
IL(CAL) = IL13
IL(CAL)_H = IL15
IL(CAL)_L = IL11
TA(CAL) = 25 °C
1) Not subject to production test - specified by design
P_9.7.6.29


유사한 부품 번호 - BTS7040-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS7040-2EPA INFINEON-BTS7040-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

유사한 설명 - BTS7040-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com