전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS7040-2EPA 데이터시트(PDF) 15 Page - Infineon Technologies AG

부품명 BTS7040-2EPA
상세설명  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7040-2EPA 데이터시트(HTML) 15 Page - Infineon Technologies AG

Back Button BTS7040-2EPA Datasheet HTML 11Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 12Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 13Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 14Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 15Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 16Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 17Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 18Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
Data Sheet
15
Rev. 1.00
2017-08-24
BTS7040-2EPA
PROFETTM+2
Logic Pins
5.3
Electrical Characteristics Logic Pins
VS = 6 V to 18 V, TJ = -40 °C to +150 °C
Typical values: VS = 13.5 V, TJ= 25 °C
Digital Input (DI) pins = IN, DEN, DSEL
Table 7
Electrical Characteristics: Logic Pins - General
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Digital Input Voltage
Threshold
VDI(TH)
0.8
1.3
2
V
See Figure 11 and
Figure 12
P_5.4.0.1
Digital Input Clamping
Voltage
VDI(CLAMP1)
–7
–V
1)
IDI = 1 mA
See Figure 11 and
Figure 12
1) Not subject to production test - specified by design
P_5.4.0.2
Digital Input Clamping
Voltage
VDI(CLAMP2)
6.5
7.5
8.5
V
IDI = 2 mA
See Figure 11 and
Figure 12
P_5.4.0.3
Digital Input Hysteresis
VDI(HYS)
–0.25
V
1)
See Figure 11 and
Figure 12
P_5.4.0.4
Digital Input Current
(“high”)
IDI
210
25
µA
VDI = 2 V
See Figure 11 and
Figure 12
P_5.4.0.5
Digital Input Current (“low”) IDI
210
25
µA
VDI = 0.8 V
See Figure 11 and
Figure 12
P_5.4.0.6


유사한 부품 번호 - BTS7040-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS7040-2EPA INFINEON-BTS7040-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

유사한 설명 - BTS7040-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com