전자부품 데이터시트 검색엔진 |
|
BTS50025-1TAD 데이터시트(PDF) 48 Page - Infineon Technologies AG |
|
BTS50025-1TAD 데이터시트(HTML) 48 Page - Infineon Technologies AG |
48 / 51 page Data Sheet 48 Rev. 1.1 2017-03-30 BTS50025-1TAD Smart High-Side Power Switch Application Information 7.1 Further Application Information • Please contact us for information regarding the pin FMEA • For further information you may contact http://www.infineon.com/ Table 7 Bill of material Reference Value Purpose RGND 4 Ω Resistor of RC snubber network Option B, damps possible oscillation of the VS pin voltage in combination with CVS RIN 4.7 kΩ Protection of the microcontroller during overvoltage, reverse polarity allows BTS50025-1TAD channels OFF during loss of ground RIS 1kΩ Sense resistor RIS_PROT 4.7 kΩ Protection of the microcontroller during overvoltage Protection of the BTS50025-1TAD during reverse polarity RS 3.9 Ω Resistor of RC snubber network Option A, damps possible oscillation of the VS pin voltage with improved EMC behavior Za Zener diode Protection of the BTS50025-1TAD during loss of load with primary charged inductance, see Chapter 5.3.2 Zb Zener diode Protection of the BTS50025-1TAD during loss of battery or against huge negative pulse at OUT (like ISO pulse 1), see Chapter 5.3.2 CSENSE 10 nF Sense signal filtering CVS 100 nF Improved EMC behavior (in layout, pls. place close to the pins) COUT 10 nF Improved EMC behavior (in layout, pls. place close to the pins) CIN 220 nF BTS50025-1TAD tends to latched switch-off due to short negative transients on supply pin; CIN automatically resets the device CS 4.7 µF Capacitor of RC snubber network Option A, damps possible oscillation of the VS pin voltage with improved EMC behavior |
유사한 부품 번호 - BTS50025-1TAD |
|
유사한 설명 - BTS50025-1TAD |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |