전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3180 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 FAN3180
상세설명  Single 2-A Low-Side Driver with 3.3-V LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3180 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button FAN3180 Datasheet HTML 5Page - ON Semiconductor FAN3180 Datasheet HTML 6Page - ON Semiconductor FAN3180 Datasheet HTML 7Page - ON Semiconductor FAN3180 Datasheet HTML 8Page - ON Semiconductor FAN3180 Datasheet HTML 9Page - ON Semiconductor FAN3180 Datasheet HTML 10Page - ON Semiconductor FAN3180 Datasheet HTML 11Page - ON Semiconductor FAN3180 Datasheet HTML 12Page - ON Semiconductor FAN3180 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3180 • Rev. 1.0.3
8
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12 V unless otherwise noted.
Figure 11.Input Thresholds vs. Supply Voltage
Figure 12.TTL Input Thresholds vs. Temperature
Figure 13.Propagation Delay vs. Supply Voltage
Figure 14.Propagation Delay vs. Temperature
Figure 15.Fall Time vs. Supply Voltage
Figure 16.Rise Time vs. Supply Voltage
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
4
8
12
16
20
Supply Voltage (V)
VIH
VIL
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIL
VIH
0
10
20
30
40
50
60
70
80
4
6
8
10
12
14
16
18
Supply Voltage (V)
IN+ to OUT (falling to falling)
IN+ to OUT (rising to rising)
16
18
20
22
24
26
28
30
32
34
-50
-25
0
25
50
75
100
125
Temperature (°C)
IN+ to OUT (rising to rising)
IN+ to OUT (falling to falling)
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
Supply Voltage (V)
CL = 6.8 nF
CL = 4.7 nF
CL = 3.3 nF
CL = 2.2 nF
CL = 1.0 nF
0
20
40
60
80
100
120
140
0
5
10
15
20
Supply Voltage (V)
CL = 6.8 nF
CL = 4.7 nF
CL = 3.3 nF
CL = 2.2 nF
CL = 1.0 nF


유사한 부품 번호 - FAN3180

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3180 FAIRCHILD-FAN3180 Datasheet
1Mb / 18P
   Single 2-A Low-Side Driver with 3.3-V LDO
FAN3180TSX FAIRCHILD-FAN3180TSX Datasheet
1Mb / 18P
   Single 2-A Low-Side Driver with 3.3-V LDO
More results

유사한 설명 - FAN3180

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3180 FAIRCHILD-FAN3180 Datasheet
1Mb / 18P
   Single 2-A Low-Side Driver with 3.3-V LDO
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
   AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
DGD0280 DIODES-DGD0280 Datasheet
644Kb / 11P
   HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Texas Instruments
UCC44273 TI-UCC44273 Datasheet
1Mb / 28P
[Old version datasheet]   UCC44273 4-A, 4-A Single-Channel Low-Side Driver with 5-V UVLO
OCTOBER 2023
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27614 TI-UCC27614_V01 Datasheet
3Mb / 39P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
JANUARY 2022
UCC27614 TI-UCC27614 Datasheet
2Mb / 36P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com