전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX512T 데이터시트(Datasheet) 2 Page - KEC(Korea Electronics)

부품명 KTX512T
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 2 page
background image
2002. 1. 24
2/5
KTX512T
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25 )
Transistor Q1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF (1)
IF=10mA
-
-
0.3
V
VF (2)
IF=500mA
-
-
0.5
V
Reverse Current
IR
VR=10V
-
-
30
A
Total Capacitance
CT
VR=10V, f=1MHz
-
20
-
pF
Diode (SBD) D1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-12V, IE=0
-
-
-0.1
A
Emitter Cut-off Current
IEBO
VEB=-4V, IC=0
-
-
-0.1
A
Collector-Base Breakdown Voltage
V(BR)CBO
IC=-10 A, IE=0
-20
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, IB=0
-20
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10 A, IC=0
-5
-
-
V
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-1.5A, IB=-30mA
-
-130
-165
mV
Base-Emitter Saturation Voltage
VBE(sat)
IC=-1.5A, IB=-30mA
-
-0.85
-1.2
V
DC Current Gain
hFE
VCE=-2V, IC=-500mA
200
-
560
Transition Frequency
fT
VCE=-2V, IC=-500mA
-
160
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz
-
45
-
pF
Swiitching
Time
Turn-On Time
ton
-
30
-
nS
Storage Time
tstg
-
90
-
Fall Time
tf
-
10
-
IB1
B2
I
INPUT
OUTPUT
50
1ΚΩ
220
µF
PW=20
µs
DC 1%
470
µF
R
V
L
R
BE
V
=5V
CC
V
=-5V
-20I =20I =I =-1.5A
B1
B2 C
<
=




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX302UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX303UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX511TEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE 1 2 3 4 5 KEC(Korea Electronics)
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX403UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX301EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX311TEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE 1 2 3 4 KEC(Korea Electronics)
KTX301UEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX401EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl