전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX512T 데이터시트(Datasheet) 3 Page - KEC(Korea Electronics)

부품명 KTX512T
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 3 page
background image
2002. 1. 24
3/5
KTX512T
Revision No : 1
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
-0.2
-0.4
-0.6
-0.8
-1.0
-0.2
-0.4
-0.6
-1.0
-0.8
-1.2
-1.4
-1.8
-1.6
-2.0
I =0mA
-2mA
-4mA
-6mA
-8mA
-10mA
-12mA
-14mA
B
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
-1
-2
-3
-4
-5
-20
-40
-60
-100
-80
-120
-140
-180
-160
-200
I =0mA
-0.1mA
-0.2mA
-0.3mA
-0.4mA
-0.5mA
-0.6mA
-0.7mA
-0.8mA
B
V
- I
C
COLLECTOR CURRENT I (A)
CE(sat)
C
-0.01
-0.03
-0.05
-0.1
-0.3
-1
-0.5
-0.01
-0.03
-0.1
-1
-3
-0.3
V
- I
C
COLLECTOR CURRENT I (A)
BE(sat)
C
-0.1
-0.3
-0.5
-1
-3
-10
-5
-0.01
-0.03
-0.1
-1
-3
-0.3
COLLECTOR CURRENT I
(A)
C
30
1K
h
- I
FE
C
50
100
300
500
-0.01
-0.03
-0.1
-1
-3
-0.3
V
=-2V
CE
-0.01
-0.03
-0.1
-1
-3
-0.3
I /I =20
B
C
I /I =50
B
C
I /I =50
B
C
-0.005
COLLECTOR CURRENT I
(A)
C
V
- I
CE(sat)
C
-0.01
-0.03
-0.05
-0.1
-0.3
-0.5
Q (TRANSISTOR)
1




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX302UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX303UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX511TEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE 1 2 3 4 5 KEC(Korea Electronics)
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX403UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX301EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX311TEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE 1 2 3 4 KEC(Korea Electronics)
KTX301UEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX401EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl