전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX541SJ 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LVX541SJ
상세설명  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX541SJ 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LVX541SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVX541SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVX541SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVX541SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVX541SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVX541SJ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH |tPLHm  tPLHn|; tOSHL |tPHLm  tPHLn|.
Capacitance
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
6.1
11.3
1.0
13.5
ns
CL 15 pF
tPHL
Time
8.6
14.9
1.0
17.0
CL 50 pF
3.3
r 0.3
4.7
7.0
1.0
8.5
CL 15 pF
7.2
10.5
1.0
12.0
CL 50 pF
tPZL
3-STATE Output
2.7
7.1
13.8
1.0
16.5
ns
CL 15 pF
tPZH
Enable Time
RL 1 k:
9.6
17.3
1.0
20.0
CL 50 pF
RL 1 k:
3.3
r 0.3
6.8
10.5
1.0
12.5
CL 15 pF
RL 1 k:
9.3
14.0
1.0
16.0
CL 50 pF
RL 1 k:
tPLZ
3-STATE Output
2.7
11.6
17.9
1.0
20.0
ns
CL 50 pF
tPHZ
Disable Time
3.3
r 0.3
10.7
15.4
1.0
17.5
RL 1 k:
tOSLH
Output to Output
2.7
1.5
1.5
ns
CL 50 pF
tOSHL
Skew (Note 4)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4
10
10
pF
COUT
Output Capacitance
6
pF
CPD
Power Dissipation Capacitance (Note 5)
19
pF
Average operating current can be obtained by the equation: ICC(opr.)
CPD x VCC x fIN  ICC
8 (per bit)


유사한 부품 번호 - 74LVX541SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX541SJ FAIRCHILD-74LVX541SJ Datasheet
72Kb / 5P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74LVX541SJ ONSEMI-74LVX541SJ Datasheet
189Kb / 8P
   Low Voltage Octal Buffer/Line Driver
Revised April 2005
logo
Fairchild Semiconductor
74LVX541SJX FAIRCHILD-74LVX541SJX Datasheet
72Kb / 5P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results

유사한 설명 - 74LVX541SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX240 FAIRCHILD-74LVX240 Datasheet
87Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com