전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8741 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN8741
상세설명  Spindle Motor and 6-CH Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8741 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN8741 Datasheet HTML 7Page - Fairchild Semiconductor FAN8741 Datasheet HTML 8Page - Fairchild Semiconductor FAN8741 Datasheet HTML 9Page - Fairchild Semiconductor FAN8741 Datasheet HTML 10Page - Fairchild Semiconductor FAN8741 Datasheet HTML 11Page - Fairchild Semiconductor FAN8741 Datasheet HTML 12Page - Fairchild Semiconductor FAN8741 Datasheet HTML 13Page - Fairchild Semiconductor FAN8741 Datasheet HTML 14Page - Fairchild Semiconductor FAN8741 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
www.fairchildsemi.com
FAN8741/FAN8742 Rev. 1.0.1
Equivalent Circuits(Pins numbered according to FAN8741MTF)
Charge Pump Outputs
FG/DIR Outputs
Spin Input
Hall Inputs
Hall Bias Input
Mute1 & 2 Inputs
Spindle Drive Outputs
Spindle Current Sensing Input
53
SVCC2
SVCC2
55
SVCC2
54
SVCC1
50
51
10K
1K
1K
SVCC1
49
SVCC1
Ref
2
3
4
5
6
7
3K
SVCC1
3K
SVCC1
1K
1K
60K
SVCC1
8
40K
40K
22
23
SVCC2
14
15
13
12
10
11
9
15
VM1


유사한 부품 번호 - FAN8741

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702B FAIRCHILD-FAN8702B Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MP FAIRCHILD-FAN8702MP Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
FAN8702MPX FAIRCHILD-FAN8702MPX Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
More results

유사한 설명 - FAN8741

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA3014 FAIRCHILD-KA3014 Datasheet
419Kb / 26P
   Spindle 4-CH Motor Driver
KA3017 FAIRCHILD-KA3017 Datasheet
433Kb / 26P
   Spindle 4-CH Motor Driver
FAN8732CG FAIRCHILD-FAN8732CG Datasheet
322Kb / 20P
   Spindle motor and 5-CH actuator driver [Spindle(PWM), Sled 2-CH(PWM) 3-CH(Linear)]
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com