전자부품 데이터시트 검색엔진 |
|
MC100EP195 데이터시트(PDF) 8 Page - ON Semiconductor |
|
MC100EP195 데이터시트(HTML) 8 Page - ON Semiconductor |
8 / 20 page MC10EP195, MC100EP195 http://onsemi.com 8 Table 8. 10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 7) −40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Negative Power Supply Current 100 145 175 100 150 180 100 150 180 mA VOH Output HIGH Voltage (Note 8) 2165 2290 2415 2230 2355 2480 2290 2415 2540 mV VOL Output LOW Voltage (Note 8) 1365 1490 1615 1430 1555 1680 1490 1615 1740 mV VIH Input HIGH Voltage (Single−Ended) LVPECL LVCMOS LVTTL 2090 2000 2000 2415 3300 3300 2155 2000 2000 2480 3300 3300 2215 2000 2000 2540 3300 3300 mV VIL Input LOW Voltage (Single−Ended) LVPECL LVCMOS LVTTL 1365 0 0 1690 800 800 1430 0 0 1755 800 800 1490 0 0 1815 800 800 mV VBB ECL Output Voltage Reference 1790 1890 1990 1855 1955 2055 1915 2015 2115 mV VCF LVTTL Mode Input Detect Voltage 1.4 1.5 1.6 1.4 1.5 1.6 1.4 1.5 1.6 V VEF Reference Voltage for ECL Mode Connection 1915 2020 2120 1940 2080 2190 1985 2130 2265 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 9) 2.0 3.3 2.0 3.3 2.0 3.3 V IIH Input HIGH Current (@ VIH) 150 150 150 mA IIL Input LOW Current (@ VIL)IN IN 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −0.3 V. 8. All loading with 50 W to VCC − 2.0 V. 9. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
유사한 부품 번호 - MC100EP195 |
|
유사한 설명 - MC100EP195 |