전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBSG16BAEVB 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 NBSG16BAEVB
상세설명  2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16BAEVB 데이터시트(HTML) 3 Page - ON Semiconductor

  NBSG16BAEVB Datasheet HTML 1Page - ON Semiconductor NBSG16BAEVB Datasheet HTML 2Page - ON Semiconductor NBSG16BAEVB Datasheet HTML 3Page - ON Semiconductor NBSG16BAEVB Datasheet HTML 4Page - ON Semiconductor NBSG16BAEVB Datasheet HTML 5Page - ON Semiconductor NBSG16BAEVB Datasheet HTML 6Page - ON Semiconductor NBSG16BAEVB Datasheet HTML 7Page - ON Semiconductor NBSG16BAEVB Datasheet HTML 8Page - ON Semiconductor NBSG16BAEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NBSG16
http://onsemi.com
3
50
W
50
W
VTD
D
D
VTD
VMM
Q
Q
VBB
VEE
VCC
Figure 3. Logic Diagram
75 k
W
75 k
W
36.5
KW
Table 2. Interfacing Options
INTERFACING OPTIONS
CONNECTIONS
CML
Connect VTD and VTD to VCC
LVDS
Connect VTD and VTD together
AC-COUPLED
Bias VTD and VTD Inputs within (VIHCMR)
Common Mode Range
RSECL, PECL, NECL
Standard ECL Termination Techniques
LVTTL
The external voltage should be applied to the
unused complementary differential input.
Nominal voltage is 1.5 V for LVTTL.
LVCMOS
VMM should be connected to the unused
complementary differential input.


유사한 부품 번호 - NBSG16BAEVB

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBSG16BA ONSEMI-NBSG16BA Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16BAR2 ONSEMI-NBSG16BAR2 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
More results

유사한 설명 - NBSG16BAEVB

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NB100LVEP17 ONSEMI-NB100LVEP17 Datasheet
147Kb / 10P
   2.5V / 3.3V Quad Differential Driver/Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
NBSG16 ONSEMI-NBSG16_14 Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com