전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4133G-X2 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 SI4133G-X2
상세설명  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SI4133G-X2 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI4133G-X2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4133G-X2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4133G-X2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4133G-X2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4133G-X2 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4133G-X2 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4133G-X2 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4133G-X2 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI4133G-X2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Si4133G-X2
Rev. 0.9
9
Figure 4. Hardware Power Management Timing Diagram
Figure 5. Software Power Management Timing Diagram
RF1 Reference Spurs
Offset = 200 kHz
–70
dBc
Offset = 400 kHz
–75
dBc
Offset = 600 kHz
–80
dBc
R
F2 Reference Spurs
Offset = 200 kHz
–75
dBc
Offset = 400 kHz
–80
dBc
Offset = 600 kHz
–80
dBc
Power Up Request to Synthesizer
Ready Time, RF1, RF2, IF2
t
pup
Figures 4, 5
140
µs
Power Down Request to Synthesizer
Off Time3
t
pdn
Figures 4, 5
100
ns
Table 5. RF and IF Synthesizer Characteristics (Continued)
(VDD = 2.7 to 3.6 V, TA = –20 to 85°C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. RF1 = 1.55 GHz, RF2 = 1.4 GHz, IF
= 1080 MHz., RFPWR=0 for all parameters unless otherwise noted.
2. From power up request (PWDNB
↑ or SENB↑ during a write of 1 to bits PDAB, PDIB, and PDRB in register 2) to RF and
IF synthesizers ready (settled to within 0.1 ppm frequency error). Typical settling time to 5 degrees phase error is
120
µs.
3. From power down request (PWDNB
↓, or SENB↑ during a write of 0 to bits PDAB, PDIB, and PDRB in register 2) to
supply current equal to IPWDN.


유사한 부품 번호 - SI4133G-X2

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
More results

유사한 설명 - SI4133G-X2

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com