전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4133G-XM2 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 SI4133G-XM2
상세설명  DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SI4133G-XM2 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI4133G-XM2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4133G-XM2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4133G-XM2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4133G-XM2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4133G-XM2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4133G-XM2 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4133G-XM2 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4133G-XM2 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4133G-XM2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Si 41 33 G- X2
8
Rev. 0.9
Table 5. RF and IF Synthesizer Characteristics
(VDD = 2.7 to 3.6 V, TA = –20 to 85°C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
XIN Input Frequency
fREF
—13
MHz
Reference Amplifier Sensitivity
V
REF
0.5
VDD
+0.3
VP-P
Internal Phase Detector Frequency
fφ
fφ = fREF/R
200
KHz
RF1 VCO Center Frequency Range
fCEN
947
1720
MHz
RF2 VCO Center Frequency Range
fCEN
789
1429
MHz
IFOUT Center Frequency
fCEN
—1080
MHz
Tuning Range from fCEN
Note: LEXT ±10%
–5
+5%
RF1 VCO Pushing
Open loop
0.5
MHz/V
RF2 VCO Pushing
0.4
MHz/V
IF VCO Pushing
0.3
MHz/V
RF1 VCO Pulling
VSWR = 2:1, all
phases, open loop
—0.4
MHzp-p
RF2 VCO Pulling
0.1
MHzp-p
IF VCO Pulling
0.1
MHzp-p
RF1 Phase Noise
1 MHz offset
–132
dBc/Hz
3 MHz offset
–142
dBc/Hz
RF2 Phase Noise
1 MHz offset
–134
dBc/Hz
3 MHz offset
–144
dBc/Hz
IF Phase Noise
100 kHz offset
–117
dBc/Hz
RF1 Integrated Phase Error
100 Hz to 100 kHz
0.9
deg rms
RF1 Harmonic Suppression
Second Harmonic
–26
dBc
RF2 Harmonic Suppression
–26
dBc
IF Harmonic Suppression
–26
dBc
RFOUT Power Level
Z
L = 50 Ω
–7
–2
1
dBm
IFOUT Power Level
ZL = 50 Ω
–10
–6
–3
dBm
Notes:
1. RF1 = 1.55 GHz, RF2 = 1.4 GHz, IF
= 1080 MHz., RFPWR=0 for all parameters unless otherwise noted.
2. From power up request (PWDNB
↑ or SENB↑ during a write of 1 to bits PDAB, PDIB, and PDRB in register 2) to RF and
IF synthesizers ready (settled to within 0.1 ppm frequency error). Typical settling time to 5 degrees phase error is
120
µs.
3. From power down request (PWDNB
↓, or SENB↑ during a write of 0 to bits PDAB, PDIB, and PDRB in register 2) to
supply current equal to IPWDN.


유사한 부품 번호 - SI4133G-XM2

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si4133G-XM2 SILABS-Si4133G-XM2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
More results

유사한 설명 - SI4133G-XM2

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133W SILABS-SI4133W Datasheet
513Kb / 32P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com