전자부품 데이터시트 검색엔진 |
|
ST1000C16K3 데이터시트(PDF) 4 Page - International Rectifier |
|
ST1000C16K3 데이터시트(HTML) 4 Page - International Rectifier |
4 / 7 page ST1000C..K Series 4 Bulletin I25202 rev. A 01/00 www.irf.com ST 100 0 C 26 K 1 1 23 1 - Thyristor 2 - Essential part number 3 - 0 = Converter grade 4 - C = Ceramic Puk 5 - Voltage code: Code x 100 = V RRM (See Voltage Ratings Table) 6 - K = Puk Case A-24 (K-PUK) 7 - 0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads) 1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads) 2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads) 3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads) 8 - Critical dv/dt: None = 500V/µsec (Standard selection) L = 1000V/µsec (Special selection) 4 Device Code 5 6 7 Parameter ST1000C..K Units Conditions Thermal and Mechanical Specifications 8 Ordering Information Table ∆R thJC Conduction (The following table shows the increment of thermal resistance R thJC when devices operate at different conduction angles than DC) Sinusoidal conduction Rectangular conduction Single Side Double Side Single Side Double Side Conduction angle Units Conditions 180° 0.003 0.003 0.002 0.002 120° 0.004 0.004 0.004 0.004 90° 0.005 0.005 0.005 0.005 K/W T J = TJ max. 60° 0.007 0.007 0.007 0.007 30° 0.012 0.012 0.012 0.012 T J Max. junction operating temperature range - 40 to 125 °C Tstg Max. storage temperature range - 40 to 150 RthJ-hs Max. thermal resistance, junction to 0.042 K/W DC operation single side cooled heatsink 0.021 DC operation double side cooled RthC-hs Max. thermal resistance, case to 0.006 K/W DC operation single side cooled heatsink 0.003 DC operation double side cooled F Mounting force, ± 10% 24500 N (2500) (Kg) wt Approximate weight 425 g Case style A-24 (K-PUK) See outline table |
유사한 부품 번호 - ST1000C16K3 |
|
유사한 설명 - ST1000C16K3 |