전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9488N 데이터시트(PDF) 9 Page - Toshiba Semiconductor

부품명 TC9488N
상세설명  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9488N 데이터시트(HTML) 9 Page - Toshiba Semiconductor

Back Button TC9488N Datasheet HTML 5Page - Toshiba Semiconductor TC9488N Datasheet HTML 6Page - Toshiba Semiconductor TC9488N Datasheet HTML 7Page - Toshiba Semiconductor TC9488N Datasheet HTML 8Page - Toshiba Semiconductor TC9488N Datasheet HTML 9Page - Toshiba Semiconductor TC9488N Datasheet HTML 10Page - Toshiba Semiconductor TC9488N Datasheet HTML 11Page - Toshiba Semiconductor TC9488N Datasheet HTML 12Page - Toshiba Semiconductor TC9488N Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TC9455,88F/N
2002-02-05
9
AC Characteristics
Microphone amps and volumes
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Microphone amp gain
MICG
Input 1-kHz sine wave,
−50dBV, MCO pin measured.
47.5
49.5
51.5
dBV
MCO Output at ALC Operation
VM
Input 1-kHz sine wave,
−25dBV.
−0.8
1.7
3.2
dBV
Maximum Input at No ALC Operation
VL
Input 1-kHz sine wave.
−47.5
dBV
Maximum Input 1 at ALC Operation
VA1
Input 1-kHz sine wave. MCO
output clip limit vale at max
volume
−4.0
dBV
Maximum Input 2 at ALC Operation
VA2
Input 1-kHz sine wave. MCO
output clip limit value at
microphone amp output point
6.5
dBV
POOUT output noise 1
NO1
VOL1~3: min
−90
−85
dBV
POOUT output noise 2
NO2
VOL1: max, VOL2: min,
VOL3: min
−63
−58
dBV
POOUT output noise 3
NO3
VOL1: min, VOL2: max,
VOL3: min
−64
−59
dBV
POOUT output noise 4
NO4
VOL1: min, VOL2: min,
VOL3: max
−65
−54
dBV
POOUT output noise 5
NO5
VOL1: max, VOL2: max,
VOL3: min
−60
−54
dBV
POOUT output noise 6
NO6
VOL1: max, VOL2: min,
VOL3: min
−62
−54
dBV
POOUT output noise 7
NO7
VOL1: min, VOL2: max,
VOL3: max
−62
−54
dBV
POOUT output noise 8
NO8
VOL1~3: max
−59
−52
dBV
Volume 1, 2 attenuation
ATT1
Ratio with one level higher
(excluding the minimum level)
−2.0
dB
Volume 3 attenuation
ATT2
Ratio with one level higher
(excluding the minimum level)
−1.0
dB
C = 47 µF
(Note 3)
120
Attack time
TATK
1 kHz Sine
wave input,
−20dBV
→ −10dBV
C = 0.47 µF
(Note 3)
10
ms
C = 47 µF
(Note 3)
1.6
Release time
TRLS
1 kHz Sine
wave input,
−10dBV
→ −20dBV
C = 0.47 µF
(Note 3)
0.15
s
Note 3: External capacitor of ALC pin
Microcontroller interface (when VOLST = “H”)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Interface setup time
tIFS
(Note 4)
0.25
µs
Shift clock “L” duration
tL
0.25
µs
Shift clock “H” duration
tH
0.25
µs
Data setup time
tDS
0.25
µs
Data hold time
tDH
0.25
µs
Interface hold time
tIFH
(Note 4)
1.0
µs
CS
“H” duration
tCSH
(Note 4)
0.25
µs
Note 4: With TC9488F and TC9488N


유사한 부품 번호 - TC9488N

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
More results

유사한 설명 - TC9488N

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com