전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADM1033ARQ-REEL 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADM1033ARQ-REEL
상세설명  Thermal Monitor and Fan Speed (RPM) Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADM1033ARQ-REEL 데이터시트(HTML) 4 Page - Analog Devices

  ADM1033ARQ-REEL Datasheet HTML 1Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 2Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 3Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 4Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 5Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 6Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 7Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 8Page - Analog Devices ADM1033ARQ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADM1033
Rev. 0 | Page 4 of 40
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.1
Table 1.
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC2
3.0
3.3
3.6
V
Supply Current, ICC
3
mA
Interface inactive, ADC active
900
µA
Standby mode
Undervoltage Lockout Threshold
2.5
V
Power-On Reset Threshold
1
2.4
V
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
±1
±2
°C
20°C ≤ TA ≤ 60°C
−4
+2
°C
−40°C ≤ TA ≤ +100°C
Resolution
0.03125
°C
External Diode Sensor Accuracy
±0.5
±1
°C
−40°C ≤ TD ≤ +100°C; TA = +40°C
±1
°C
−40°C ≤ TD ≤ +100°C; +20°C ≤ TA ≤ +60°C
−3
+2
°C
−40°C ≤ TD ≤ +100°C; −40°C ≤ TA ≤ +100°C
Resolution
0.03125
°C
Remote Sensor Source Current
85
µA
High level
34
µΑ
Mid level
5
µΑ
Low level
Series Resistance Cancellation
1000
Power Supply Sensitivity
±1
%/V
Conversion Time (Local Temperature)
11
ms
Averaging enabled
Conversion Time (Remote Temperature)
32
ms
Averaging enabled
Total Conversion Time
43
ms
Averaging enabled
OPEN-DRAIN DIGITAL OUTPUTS (ALERT,
THERM, FAN_FAULT DRIVE)
Output Low Voltage, VOL
0.4
V
IOUT =
−6.0 mA; VCC = +3 V
High Level Output Leakage Current, IOH
0.1
1
µA
VOUT = VCC; VCC = 3 V
DIGITAL INPUT LEAKAGE CURRENT (TACH)
Input High Current, IIH
−1
µA
VIN = VCC
Input Low Current, IIL
1
µA
VIN = 0
Input Capacitance, CIN
7
pF
DIGITAL INPUT LOGIC LEVELS (TACH)
Input High Voltage, VIH
2.0
5.5
V
Input Low Voltage, VIL
−0.3
+0.8
V
Hysteresis
500
mV p-p
OPEN-DRAIN SERIAL DATA BUS OUTPUT
(SDA)
Output Low Voltage, VOL
0.4
V
IOUT =
−6.0 mA; VCC = +3 V
High Level Output Leakage Current, IOH
0.1
1
µA
VOUT = VCC
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
ANALOG INPUTS (LOCATION, REF)
Input Resistance
80
125
160
kΩ


유사한 부품 번호 - ADM1033ARQ-REEL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ADM1033ARQZ ONSEMI-ADM1033ARQZ Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1033ARQZ-REEL ONSEMI-ADM1033ARQZ-REEL Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADM1033ARQZ-RL7 ONSEMI-ADM1033ARQZ-RL7 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
More results

유사한 설명 - ADM1033ARQ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADM1034 AD-ADM1034 Datasheet
1Mb / 40P
   Thermal Monitor and Fan Speed (RPM) Controller
REV. 0
logo
ON Semiconductor
ADM1033 ONSEMI-ADM1033 Datasheet
422Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2010 ??Rev. 2
ADM1034 ONSEMI-ADM1034 Datasheet
426Kb / 39P
   Thermal Monitor and Fan Speed (RPM) Controller
July, 2009 ??Rev. 3
ADM1033 ONSEMI-ADM1033_12 Datasheet
430Kb / 35P
   Thermal Monitor and Fan Speed (RPM) Controller
April, 2012 ??Rev. 3
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
ADT7475 ONSEMI-ADT7475_13 Datasheet
539Kb / 58P
   Remote Thermal Monitor and Fan Controller
August, 2018 ??Rev. 8
ADT7460ARQ-REEL ONSEMI-ADT7460ARQ-REEL Datasheet
698Kb / 47P
   Remote Thermal Monitor and Fan Controller
September, 2013 ??Rev. 9
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
   Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
NCT7491 ONSEMI-NCT7491 Datasheet
794Kb / 81P
   Remote Thermal Monitor and Fan Controller
November, 2015 ??Rev. 2
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
   Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com