전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT356E 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT356E
상세설명  High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT356E 데이터시트(HTML) 8 Page - Texas Instruments

  CD74HCT356E Datasheet HTML 1Page - Texas Instruments CD74HCT356E Datasheet HTML 2Page - Texas Instruments CD74HCT356E Datasheet HTML 3Page - Texas Instruments CD74HCT356E Datasheet HTML 4Page - Texas Instruments CD74HCT356E Datasheet HTML 5Page - Texas Instruments CD74HCT356E Datasheet HTML 6Page - Texas Instruments CD74HCT356E Datasheet HTML 7Page - Texas Instruments CD74HCT356E Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FIGURE 4. SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION-DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 5. 3-STATE PROPAGATION-DELAY WAVEFORM
NOTE:
Open-drain waveforms tPLZ and tPZL are the same as those for 3-state shown on the left. The test circuit is Output RL =1kΩ to VCC,
CL = 50pF.
FIGURE 6. 3-STATE PROPAGATION-DELAY TEST CIRCUIT
Test Circuits and Waveforms (Continued)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
0.3
2.7
GND
3V
10%
90%
1.3V
1.3V
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
tr
6ns
tPZH
tPHZ
tPZL
tPLZ
6ns
tf
1.3
IC WITH
OUTPUT
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
VCC FOR tPLZ AND tPZL
GND FOR tPHZ AND tPZH
RL = 1kΩ
CL
50pF
3-STATE
OUTPUT
CD74HCT356


유사한 부품 번호 - CD74HCT356E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT354 TI-CD74HCT354 Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354 TI-CD74HCT354 Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354E TI-CD74HCT354E Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354E TI-CD74HCT354E Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD74HCT354EE4 TI-CD74HCT354EE4 Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
More results

유사한 설명 - CD74HCT356E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD54-74HC354 TI-CD54-74HC354 Datasheet
304Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD54HCT299 TI-CD54HCT299 Datasheet
288Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD74HC299 TI-CD74HC299 Datasheet
54Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com