전자부품 데이터시트 검색엔진 |
|
CS5012A 데이터시트(PDF) 5 Page - Cirrus Logic |
|
CS5012A 데이터시트(HTML) 5 Page - Cirrus Logic |
5 / 40 page CS5014 CS5014 ANALOG CHARACTERISTICS (continued) CS5014 Parameter* Min Typ Max Units Specified Temperature Range -40 to +85 °C Analog Input Aperture Time 25 ns Aperture Jitter 100 ps Input Capacitance (Note 4) Unipolar Mode Bipolar Mode 275 165 375 220 pF pF Conversion & Throughput Conversion Time -14 (Notes 5 and 6) 14.25 µs Acquisition Time -14 (Note 6) 3.0 3.75 µs Throughput -14 (Note 6) 55.6 kSps Power Supplies DC Power Supply Currents (Note 7) IA+ IA- ID+ ID- 9 -9 3 -3 19 -19 6 -6 mA mA mA mA Power Dissipation (Note 7) 120 250 mW Power Supply Rejection (Note 8) Positive Supplies Negative Supplies 84 84 dB dB DS14F8 2-11 CS5012A CS5014 CS5016 DS14F9 5 |
유사한 부품 번호 - CS5012A |
|
유사한 설명 - CS5012A |