전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA6509A 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA6509A
상세설명  3-band mixer/oscillator and PLL for terrestrial tuners
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509A 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA6509A Datasheet HTML 6Page - NXP Semiconductors TDA6509A Datasheet HTML 7Page - NXP Semiconductors TDA6509A Datasheet HTML 8Page - NXP Semiconductors TDA6509A Datasheet HTML 9Page - NXP Semiconductors TDA6509A Datasheet HTML 10Page - NXP Semiconductors TDA6509A Datasheet HTML 11Page - NXP Semiconductors TDA6509A Datasheet HTML 12Page - NXP Semiconductors TDA6509A Datasheet HTML 13Page - NXP Semiconductors TDA6509A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
2005 Mar 25
10
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
Table 4
Reference divider ratio selection bits
Note
1. Crystal oscillator frequency or externally sourced reference frequency of 4 MHz at pin XTAL_REF.
Table 5
Test mode selection bits
Notes
1. This is the default mode at power-on reset.
2. 1
2fdiv is output from port P3 when the charge-pump is off.
3. Port P3 cannot be used when these test modes are active.
RSA
RSB
REFERENCE DIVIDER RATIO
FREQUENCY STEP (kHz)(1)
X
0
80
50
0
1
128
31.25
1
1
64
62.5
T2
T1
T0
TEST MODE
0
0
0
normal mode (read and write mode bytes allowed)
0
0
1
normal mode (read and write mode bytes allowed)(1)
0
1
0
charge-pump is off(2)
011byte BB ignored
1
1
0
charge-pump sinks current
1
1
1
charge-pump sources current
100
1
2fref is output from port P3(3)
101
1
2fdiv is output from port P3(3)
8.3
Read mode
The read mode is defined by setting bit R/W to logic 1 in
address byte ADB; see Table 6.
After the slave address has been recognized, the device
generates an acknowledge pulse, and status byte SB is
transferred on the SDA line (MSB first). Data is valid on the
SDA line when pin SCL is HIGH. A second data byte can
be read from the device if the microcontroller generates an
acknowledge on the SDA line (master acknowledge).
End of transmission will occur if no master acknowledge is
asserted. The device will then release the data line to allow
the microcontroller to generate a STOP condition.
Bit POR is set to logic 1 at power-on. This bit is reset when
an end-of-data is detected by the device at the end of a
read sequence. Bit FL controls the PLL by indicating when
the loop is locked (bit FL = 1).
The internal ADC can be used to apply AFC information to
a microcontroller in the IF section of the television via
status byte bits A0, A1 and A2. Up to five voltage levels
can be applied to the ADC input pin ADC; the resultant
values of bits A2, A1 and A0 are shown in Table 8.


유사한 부품 번호 - TDA6509A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6500TT PHILIPS-TDA6500TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501 PHILIPS-TDA6501 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
TDA6501TT PHILIPS-TDA6501TT Datasheet
205Kb / 40P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
2003 Jun 05
More results

유사한 설명 - TDA6509A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com