전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX1157 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 CX1157
상세설명  Hydrogen-Filled Ceramic Thyratron
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

CX1157 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  CX1157 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1157 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX1157 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX1157 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX1157 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1C
ANODE CONNECTION FITTED
WITH 8-32 UNC SCREW
SEE NOTE 4
GRID 1 CONNECTION
2 HOLES
1M
GRID 2 CONNECTION
2 HOLES
1L
E
A
P
J
SEE NOTE 2
1D
SEE NOTE 3
MOUNTING FLANGE
SEE NOTE 1
G
F
1B
8 HOLES
1N
EQUISPACED ON H PCD
SEE NOTE 5
RESERVOIR HEATER LEAD (RED)
K LONG, TAG TO SUIT
1Q
CATHODE HEATER LEAD (YELLOW)
K LONG, TAG TO SUIT
1Q
2395C
OUTLINE
(All dimensions without limits are nominal)
Ref
Millimetres
Inches
A
76.2 max
3.000 max
B
57.15
2.250
C
44.45
+ 0.79
1.750
+ 0.031
D
36.5
1.437
E
5.59
+ 0.38
0.220
+ 0.015
F
24.9
0.980
G
17.78
0.700
H
51.59
+ 0.25
2.031
+ 0.010
J
31.75 min
1.250 min
K
152.4
6.000
L
3.05
0.120
M
3.05
0.120
N
4.19
0.165
P
2.54
0.100
Q
4.19
0.165
Inch dimensions have been derived from millimetres.
Outline Notes
1. The mounting flange is the connection for the
cathode, cathode heater return and reservoir
heater return.
2. A minimum clearance of 31.75 mm (1.250 inches)
must be allowed below the flange.
3. The recommended mounting hole is 38.10 mm
(1.500 inches) diameter.
4. The anode temperature is measured at the base
of the anode stem.
5. The base temperature is measured at this point.
CX1157, page 4
#
E2V Technologies


유사한 부품 번호 - CX1157

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
   Hydrogen Thyratron
logo
Keysight Technologies
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
logo
Ledil, Inc.
CX11524 LEDIL-CX11524 Datasheet
1Mb / 4P
   Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
logo
Keysight Technologies
CX1152A KEYSIGHT-CX1152A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

유사한 설명 - CX1157

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7665A ETC1-7665A Datasheet
84Kb / 3P
   Hydrogen-Filled Ceramic Thyratron
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
   Hydrogen Thyratron
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
   Hydrogen Thyratron
CX1174 ETC1-CX1174 Datasheet
101Kb / 4P
   Deuterium-Filled Ceramic Thyratron
CX1594 ETC1-CX1594 Datasheet
84Kb / 7P
   Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
   THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
   THYRATRON
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
   Deuterium Thyratron
logo
ams AG
HLS-442 AMSCO-HLS-442 Datasheet
431Kb / 22P
   Automotive Hydrogen Leak Sensor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com