전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5116 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 ES5116
상세설명  3 1/2 DVM with hold and low battery indication
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

ES5116 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  ES5116 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES5116 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES5116 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES5116 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES5116 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES5116 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES5116 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES5116 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES5116 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CYRUSTEK CO.
ES5116 3 1/2 DVM with
hold and low battery indication
continued from previous page
Pin No.
Symbol
Type
Description
20
F2
O
LCD segment line.
21
E2
O
LCD segment line.
22
D3
O
LCD segment line.
23
B3
O
LCD segment line.
24
F3
O
LCD segment line.
25
E3
O
LCD segment line.
26
AB4
O
LCD segment line.
27
POL
O
LCD segment line.
28
BP
O
LCD segment line.
29
G3
O
LCD segment line.
30
A3
O
LCD segment line.
31
C3
O
LCD segment line.
32
G2
O
LCD segment line.
33
LB
O
Low-battery flag segment driver.
34
V-
Negative supply voltage. Connecting to battery negative terminal.
35
INT
O
Integration cycle output.
36
BUFF
O
Integration resistor connection for buffer output.
37
A.Z
Auto-zero capacitor connection.
38
INLO
Low analog input signal connection.
39
INHI
High analog input signal connection.
40
COMMON
Set the common-mode voltage for the system.
41
C+REF
Positive capacitor connection for on-chip DC-DC converter.
42
C-REF
Negative capacitor connection for on-chip DC-DC converter.
43
REF LO
I
Low differential reference input connection.
44
REF HI
I
High differential reference input connection.
Note:
1. Pin No. of QFP-44 pin package.
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (
to
)
12V
Analog Input Voltage (either input)
to
Reference Input Voltage (either input)
to
Clock Input
TEST to
Power Dissipation(plastic package)
800mW
Operating Temperature
C to
C
Storage Temperature
C to
C
Lead Temperature (soldering,10sec)
C
Electrical Characteristics
5
July 21, 2003


유사한 부품 번호 - ES5116

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES5116 CYRUSTEK-ES5116 Datasheet
273Kb / 10P
   hold and low battery indication
More results

유사한 설명 - ES5116

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES5117 CYRUSTEK-ES5117 Datasheet
639Kb / 10P
   3 1/2 DVM with LED Display and Hold
ES5116 CYRUSTEK-ES5116 Datasheet
273Kb / 10P
   hold and low battery indication
logo
National Semiconductor ...
ADD3501 NSC-ADD3501 Datasheet
276Kb / 9P
   3 1/2 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
logo
Analog Microelectronics
AME811 AME-AME811 Datasheet
905Kb / 15P
   3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
logo
Cooper Bussmann, Inc.
TCF40 COOPER-TCF40 Datasheet
269Kb / 2P
   Low-Peak CUBEFuse With and Without Indication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com