전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-CE23 데이터시트(PDF) 4 Page - Agilent(Hewlett-Packard)

부품명 HLMP-CE23
상세설명  T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CE23 데이터시트(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-CE23 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CE23 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Figure 1. Relative Intensity vs.
Wavelength.
Figure 2. Forward Current vs.
Forward Voltage.
Figure 3. Relative Luminous Intensity
vs. Forward Current.
WAVELENGTH – nm
400
600
1.0
0.6
0
550
500
450
0.4
0.8
0.2
2
0
FORWARD VOLTAGE
3.4
35
20
15
2.2
2.8
30
3.8
5
10
25
2.4 2.6
3.0 3.2
3.6
0
0
FORWARD CURRENT – mA
20
40
2.5
1.5
1.0
10
30
2.0
50
0.5
Bin
Name
Min.
Max.
N
680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
Intensity Bin Limits
(mcd at 20 mA)
Bin
Name
Min.
Max.
1
490
495
2
495
500
3
500
505
4
505
510
Color Bin Limits
(nm at 20 mA)
Tolerance of each minimum and
maximum =
± 2 nm.
Tolerance of each minimum and
maximum =
± 15 %.
Note:
1. Bin categories are established for classification of products. Products may not be
available in all bin categories. Please contact your Hewlett-Packard representative for
information on currently available bins.
Electrical Characteristics at TA = 25˚C
Reverse
Breakdown
Capacitance
Forward Voltage
VR (Volts) at
C (pF), VF = 0,
Thermal
VF (Volts) at IF = 20 mA
IR = 100
µA
f = 1 MHz
Resistance R
θJ-PIN
Min.
Typ.
(˚C/W)
3.5
4.0
10
40
240
Typ.
Max.


유사한 부품 번호 - HLMP-CE23

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE23 AVAGO-HLMP-CE23 Datasheet
352Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance InGaN Blue, Green and Cyan Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE23 HP-HLMP-CE23 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23-P0C00 HP-HLMP-CE23-P0C00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23-SVC00 HP-HLMP-CE23-SVC00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23-SVQ00 HP-HLMP-CE23-SVQ00 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
More results

유사한 설명 - HLMP-CE23

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CB15 HP-HLMP-CB15 Datasheet
213Kb / 4P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Blue and Green LEDs
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com