전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM311N 데이터시트(PDF) 2 Page - Integral Corp.

부품명 LM311N
상세설명  Highly Flexible Voltage Comparators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

LM311N 데이터시트(HTML) 2 Page - Integral Corp.

  LM311N Datasheet HTML 1Page - Integral Corp. LM311N Datasheet HTML 2Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IL311
2
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC + VEE
Total Supply Voltage
30
V
TA
Operating Temperature, All Package Types
- 45
+85
°C
ELECTRICAL CHARACTERISTICS (V
CC=+15 V, VEE= -15 V, TA =+25°C unless otherwise noted
[Note 1])
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Max
VIO
Input Offset Voltage
(Note 2)
RS ≤ 50 kΩ, TA = +25°C
RS ≤ 50 kΩ, -45°C ≤ TA ≤ 85°C
7.5
10
mV
IIO
Input Offset Current
(Note 2)
TA = +25°C
-45
°C ≤ T
A ≤ 85°C
50
100
nA
IIB
Input Bias Current
TA = +25°C
TA = -45°C
TA = +85°C
250
375
500
nA
AV
Voltage Gain
150000
tDLH
Propagation Delay Time
300
ns
VDS
Saturation Voltage
TA = +25°C
VID ≤ -10 mV, IO=50 mA
1.5
V
VIR
Input Voltage Range
-14.5
13.0
V
ICC
Positive Supply Current
+7.5
mA
IEE
Negative Supply Current
-5.0
mA
NOTES:
1. Offset voltage, offset current and bias current specifications apply for a supply voltage range from a single
5.0 volt supply up to
±15 volt supplies.
2. The offset voltages and offset currents given are the maximum values required to drive the output within a volt
of either supply with a 1.0 mA load. Thus, these parameters define an error band and take into account the
“worst case” effects of voltage gain and input impedance.


유사한 부품 번호 - LM311N

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM311N NSC-LM311N Datasheet
1Mb / 23P
   Voltage Comparator
logo
Texas Instruments
LM311N TI1-LM311N Datasheet
1Mb / 31P
[Old version datasheet]   LM111-N/LM211-N/LM311-N Voltage Comparator
logo
ON Semiconductor
LM311N ONSEMI-LM311N Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
NXP Semiconductors
LM311N PHILIPS-LM311N Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM311N STMICROELECTRONICS-LM311N Datasheet
236Kb / 14P
   Voltage comparator with strobe
More results

유사한 설명 - LM311N

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0804198 PHOENIX-0804198 Datasheet
47Kb / 3P
   Label, highly flexible - EMLF (108XE)R RD
0804197 PHOENIX-0804197 Datasheet
47Kb / 3P
   Label, highly flexible - EMLF (108XE)R BU
0804199 PHOENIX-0804199 Datasheet
47Kb / 3P
   Label, highly flexible - EMLF (108XE)R OG
logo
ON Semiconductor
NCS2200AGEVB ONSEMI-NCS2200AGEVB Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
NCS2200 ONSEMI-NCS2200_10 Datasheet
161Kb / 17P
   Low Voltage Comparators
August, 2010 ??Rev. 10
NCS2200 ONSEMI-NCS2200_06 Datasheet
128Kb / 19P
   Low Voltage Comparators
August, 2006 ??Rev. 8
NCS2200 ONSEMI-NCS2200_15 Datasheet
140Kb / 18P
   Low Voltage Comparators
April, 2015 ??Rev. 18
logo
First Silicon Co., Ltd
FA339P FS-FA339P Datasheet
333Kb / 4P
   QUAD VOLTAGE COMPARATORS
logo
ON Semiconductor
NCV2200 ONSEMI-NCV2200 Datasheet
169Kb / 17P
   Low Voltage Comparators
August, 2014 ??Rev. 16
logo
NEC
UPC271C NEC-UPC271C Datasheet
115Kb / 2P
   Precision Voltage Comparators
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com