전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC151X01-C3 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 LC151X01-C3
상세설명  15.1 Title XGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC151X01-C3 데이터시트(HTML) 2 Page - NXP Semiconductors

  LC151X01-C3 Datasheet HTML 1Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 2Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 3Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 4Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 5Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 6Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 7Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 8Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Product Specification
2 / 27
LC151X01
Liquid Crystal Display
Ver. 0.2
Mar.06. 2002
Contents
14
8
INTERFACE CONNECTIONS
3-2
COLOR INPUT DATA REFERNECE
3-5
25
DESIGNATION OF LOT MARK
8-1
25
Packing FORM
8-2
25
Packing
8
26
PRECAUTIONS
9
24
EMC
7-2
1
COVER
2
CONTENTS
3
RECORD OF REVISIONS
4
GENERAL DESCRIPTION
1
5
ABSOLUTE MAXIMUM RATINGS
2
6
ELECTRICAL SPECIFICATIONS
3
6
ELECTRICAL CHARACTREISTICS
3-1
12
SIGNAL TIMING SPECIFICATIONS
3-3
13
SIGNAL TIMING WAVEFORMS
3-4
15
POWER SEQUENCE
3-6
16
OPTICAL SFECIFICATIONS
4
20
MECHANICAL CHARACTERISTICS
5
23
RELIABLITY
6
24
INTERNATIONAL STANDARDS
7
24
SAFETY
7-1
Page
ITEM
No


유사한 부품 번호 - LC151X01-C3

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
LC151 SEOUL-LC151 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC151 SEOUL-LC151 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
378Kb / 14P
   RED LAMP LED
More results

유사한 설명 - LC151X01-C3

제조업체부품명데이터시트상세설명
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6121 AXIOMTEK-P6121 Datasheet
271Kb / 2P
   12.1 XGA TFT LED backlight LCD
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
logo
List of Unclassifed Man...
M150XN07 ETC-M150XN07 Datasheet
239Kb / 26P
   15.0??XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6101 AXIOMTEK-P6101 Datasheet
290Kb / 2P
   10.4 XGA TFT Industrial LCD Monitor
P6151 AXIOMTEK-P6151 Datasheet
184Kb / 2P
   15 TFT XGA LED backlight LCD
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com