전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCA0922 데이터시트(PDF) 4 Page - Vishay Siliconix

부품명 LCA0922
상세설명  Carbon Film Resistors, Standard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCA0922 데이터시트(HTML) 4 Page - Vishay Siliconix

  LCA0922 Datasheet HTML 1Page - Vishay Siliconix LCA0922 Datasheet HTML 2Page - Vishay Siliconix LCA0922 Datasheet HTML 3Page - Vishay Siliconix LCA0922 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.vishay.com
99
Document Number 20135
Revision 03-Sep-03
LCA.... / SK.
Vishay Draloric
For Technical Questions, contact ff1aresistors@vishay.com
10–5
10–4
10–3
10–2
10–1
100
10
2000
1000
0
Secondary conditions:
a) P max see diagram below
b)
ϑu ≤ 70°C
10–5
10–4
10–3
10–2
10–1
100
10
1000
100
10
1
0.1
Secondary conditions:
a) P
≤ P
70 (permissible constant
power at
ϑu = 70°C)
b)
ϑu ≤ 70°C
c) R
≥ 10Ω
d) Ûmax see diagram below left
10–5
10–4
10–3
10–2
10–1
100
10
1000
100
10
1
0.1
Secondary conditions:
a) P ¡ 0 single pulse
b)
ϑu ≤ 70°C
c) R
≥ 10Ω
d) Ûmax see diagram below
Carbon Film Resistors, Standard
MAX PULSE VOLTAGE
SQUARE PULSE ti (s)
FREQUENCY IN MHz
HF CHARACTERISTICS LCA0207
1
10
100
1000
10K
1K
100
10
10K
1K
10
100
0617/0922
0411/0414
0207
0204
PERFORMANCE CHARACTERISTICS
TEST
CONDITIONS OF TEST
REQUIREMENTS *
Endurance Test at 70
°C
1000 hours at 70˚C, 1.5 hours "ON", 0.5 hours OFF
≤ ± 1.5%
IEC 60115-1 4.25.1
8000 hours at 70˚C, 1.5 hours "ON", 0.5 hours OFF
≤ ± 4.0%
Endurance at UCT
1000 hours at 155˚C without load
≤ ± 3.0%
IEC 60115-1 4.25.3
8000 hours at 155˚C without load
≤ ± 8.0%
Overload Test
2.5 x rated power or twice the limiting element voltage,
≤ ± 0.5%
IEC 60115-1 4.13
2 seconds for sizes
≤ 0207; - 5 seconds for sizes ≥ 0309
Thermal Shock
Rapid change between upper and lower category temperature
≤ ± 0.25%
IEC 60115-1 4.19, IEC 60068-2-14
Climatic Sequence
Dry heat, damp heat cyclic, cold, low air pressure
≤ ± 1.5%
IEC 60115-1 4.23
Damp Heat Steady State
56 days at 40
°C, 93% relative humidity
≤ ± 1.5%
IEC 60115-1 4.24
IEC 60068-2-3
Resistance to Soldering Heat
10 seconds at 260˚C solder bath temperature
≤ ± 0.25%
IEC 60115-1 4.18, IEC 60068-2-20
Robustness of Terminations
Tensile, bending and torsion
≤ ± 0.25%
IEC 60115-1 4.16, IEC 60068-2-21
Vibration
0.75mm or 10g 10 Hz - 500 Hz 6 hours
≤ ± 0.25%
IEC 60115-1 4.22 , IEC60068-2-6
* for ohmic values between 10
Ω and 1MΩ
APPLICABLE SPECIFICATIONS
• CECC 40000 / 40100 / 40101
• EN 140 000 / 140 100
SQUARE PULSE ti (s)
0922
0204
0207
0617
0414
0411
SQUARE PULSE ti (s)
0922
0204
0207
0617
0414
0411
PULSE RATING P
≤ P70
PULSE RATING P
0


유사한 부품 번호 - LCA0922

제조업체부품명데이터시트상세설명
logo
Protek Devices
LCA05C PROTEC-LCA05C Datasheet
196Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C Datasheet
679Kb / 7P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
More results

유사한 설명 - LCA0922

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
CFA0207 VISHAY-CFA0207 Datasheet
90Kb / 2P
   Carbon Film Resistors, Standard
Revision 05-Jun-03
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
   RESISTORS CARBON FILM DCR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com