전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM181E1 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 LM181E1
상세설명  18 SXGA TFT LCD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM181E1 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button LM181E1 Datasheet HTML 3Page - NXP Semiconductors LM181E1 Datasheet HTML 4Page - NXP Semiconductors LM181E1 Datasheet HTML 5Page - NXP Semiconductors LM181E1 Datasheet HTML 6Page - NXP Semiconductors LM181E1 Datasheet HTML 7Page - NXP Semiconductors LM181E1 Datasheet HTML 8Page - NXP Semiconductors LM181E1 Datasheet HTML 9Page - NXP Semiconductors LM181E1 Datasheet HTML 10Page - NXP Semiconductors LM181E1 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LM181E1-H2MN
Liquid Crystal Display
Product Specification
Ver 0.3
July 5, 2000
Page 7/24
3-2. Interface Connections
Interface chip must be used LVDS, part No. DS90CF383MTD(Transmitter), DS90CF384MTD(Receiver)
made by National Semiconductor. Or used the compatible interface chips(TI : SN75LVDS83, Thine).
This LCD employs six interface connections. A 21-pin connector is used for the module electronics
interface. A 5-pin connector is used for the module power(+12V). Four 2-pin connectors are used for the
integral backlight system.
The electronics interface connector is a model GT121-21P-TD manufactured by LGC. The pin
configuration for the connector is shown in the table 3.
Table 3. MODULE CONNECTOR PIN CONFIGURATION (LVDS)
Pin
Symbol
Description
Notes
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
FR3P
FR3M
FCLKINP
FCLKINM
FR2P
FR2M
FR1P
FR1M
FR0P
FR0M
SR3P
SR3M
SCLKINP
SCLKINM
SR2P
SR2M
SR1P
SR1M
SR0P
SR0M
NC
Plus Signal of Odd Channel 3 (LVDS)
Minus Signal of Odd Channel 3 (LVDS)
Plus Signal of Odd Clock Channel (LVDS)
Minus Signal of Odd Clock Channel (LVDS)
Plus Signal of Odd Channel 2 (LVDS)
Minus Signal of Odd Channel 2 (LVDS)
Plus Signal of Odd Channel 1 (LVDS)
Minus Signal of Odd Channel 1 (LVDS)
Plus Signal of Odd Channel 0 (LVDS)
Minus Signal of Odd Channel 0 (LVDS)
Plus Signal of Even Channel 3 (LVDS)
Minus Signal of Even Channel 3 (LVDS)
Plus Signal of Even Clock Channel (LVDS)
Minus Signal of Even Clock Channel (LVDS)
Plus Signal of Even Channel 2 (LVDS)
Minus Signal of Even Channel 2 (LVDS)
Plus Signal of Even Channel 1 (LVDS)
Minus Signal of Even Channel 1 (LVDS)
Plus Signal of Even Channel 0 (LVDS)
Minus Signal of Even Channel 0 (LVDS)
Not Connect
Bottom Side
Top Side ¡ ã
Back side of LCD Module
Pin 1
Pin 5
Pin 1
Pin 21
CN2
Power
Connector
CN1
Module Connector
First Data
Second Data
Alpha Point Ltd.
P.O. Box 41
00751 Helsinki, Finland
http://www.alpha.fi
Tel.: +358-9-34 64 34 1
Fax: +358-9-34 64 34 2


유사한 부품 번호 - LM181E1

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LM181E06 PHILIPS-LM181E06 Datasheet
627Kb / 26P
   SPECIFICATION FOR APPROVAL
APR.07, 2002
More results

유사한 설명 - LM181E1

제조업체부품명데이터시트상세설명
logo
AAEON Technology
AMB-280A AAEON-AMB-280A Datasheet
761Kb / 2P
   18" TFT SXGA LCD
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
   17??SXGA TFT LCD
LM170E01 LG-LM170E01 Datasheet
614Kb / 28P
   17.0 SXGA TFT LCD
logo
AAEON Technology
OPD-217A AAEON-OPD-217A Datasheet
244Kb / 2P
   17??TFT SXGA LCD
logo
Axiomtek Co., Ltd.
P1177S-881 AXIOMTEK-P1177S-881 Datasheet
421Kb / 2P
   17 SXGA TFT LCD display
logo
AU Optronics Corp.,
M170EG01VD AUO-M170EG01VD Datasheet
554Kb / 25P
   17.0inch SXGA Color TFT-LCD
logo
List of Unclassifed Man...
M170EG01VA ETC2-M170EG01VA Datasheet
321Kb / 26P
   17.0??SXGA Color TFT-LCD
logo
AU Optronics Corp.,
M190EG01V0 AUO-M190EG01V0 Datasheet
355Kb / 31P
   19.0inch SXGA Color TFT-LCD
logo
Axiomtek Co., Ltd.
P1197E-500 AXIOMTEK-P1197E-500 Datasheet
428Kb / 2P
   19 SXGA TFT LCD display
logo
AU Optronics Corp.,
G190EAN01.0 AUO-G190EAN01.0 Datasheet
2Mb / 30P
   19.0inch SXGA Color TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com