전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LWH1026 데이터시트(PDF) 6 Page - List of Unclassifed Manufacturers

부품명 LWH1026
상세설명  LED Chip, Zener Diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

LWH1026 데이터시트(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LWH1026 Datasheet HTML 2Page - List of Unclassifed Manufacturers LWH1026 Datasheet HTML 3Page - List of Unclassifed Manufacturers LWH1026 Datasheet HTML 4Page - List of Unclassifed Manufacturers LWH1026 Datasheet HTML 5Page - List of Unclassifed Manufacturers LWH1026 Datasheet HTML 6Page - List of Unclassifed Manufacturers LWH1026 Datasheet HTML 7Page - List of Unclassifed Manufacturers LWH1026 Datasheet HTML 8Page - List of Unclassifed Manufacturers LWH1026 Datasheet HTML 9Page - List of Unclassifed Manufacturers LWH1026 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
LWH1026
PART No.
LWH1026
QUANTITY
3,500 EA
LOT No.
LXXXXX-xxx
○ – □ ◇
(3) Details of CHIP LEDs loading on tape
(End)
(Start)
(4) Loading quantity per reel : 3,500pcs
(5) Label Outline
* SIZE(L X W) : 40mm X 23mm
Color Rank(ex. b5, b7)
Iv Rank(ex. TL, TH)
VF Rank(ex. 1, 2)
(6) Lot Number
The first six digits number shows lot number
The lot number is composed of the following characters:
○□◇△■●-×××
- Luxpia Initial
(L for Luxpia)
- Chip maker
(A for Agilent)
- Year
(04 for 2004, 05 for 2005)
- Month
(A for Jan., B for Feb.)
- Day
(01 for 01., 12 for 12.)
- Product input No. (A for first, B for second.)
×××
- Luxpia’s Product Number
more than 40mm
unloaded tape
mounted with LED
(3,500ea)
150 ~ 380mm
leading part
more than 40mm
unloaded tape


유사한 부품 번호 - LWH1026

제조업체부품명데이터시트상세설명
logo
LUXPIA
LWH1025 LUXPIA-LWH1025 Datasheet
295Kb / 14P
   LWH1025
LWH1025N LUXPIA-LWH1025N Datasheet
656Kb / 17P
   Specification for Approval
More results

유사한 설명 - LWH1026

제조업체부품명데이터시트상세설명
logo
Formosa MS
ZGFM206V8B FORMOSA-ZGFM206V8B Datasheet
68Kb / 9P
   Chip Zener Diode
ZGFM103V3B-M FORMOSA-ZGFM103V3B-M Datasheet
63Kb / 8P
   Chip Zener Diode
ZGFM306V8B FORMOSA-ZGFM306V8B Datasheet
128Kb / 9P
   Chip Zener Diode
ZGFM5341B FORMOSA-ZGFM5341B Datasheet
60Kb / 8P
   Chip Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
CPZ28 CENTRAL-CPZ28 Datasheet
483Kb / 2P
   0.5 Watt Zener Diode Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com