전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC740-430E 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 MC740-430E
상세설명  47-Gb/s 4:1 Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

MC740-430E 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MC740-430E Datasheet HTML 6Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 7Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 8Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 9Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 10Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 11Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 12Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 13Page - List of Unclassifed Manufacturers MC740-430E Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
- 10 -
NEL
MC740-430E
OPERATION
CAUTION
The MC740-430E is very sensitive to electrostatic discharge (ESD).
ESD preventive
measures must be employed at customer’s working desk.
Before operating the
MC740-430E, please read the handling precautions on page 14.
Before connecting any cables to the input and output terminals, short the center and outer
conductors of the cable together.
Mechanical shock can damage or destroy the MC740-430E. Please handle carefully.
Do not remove the warranty seals and/or open the cover.
Turn-on procedure
Connect a DC power supply, signal sources (a pulse pattern generator, PPG, and a
synthesizer), an oscilloscope, and a device under test (see the sample implementation, Fig.
9). Here, outputs from the equipments should be turned-off.
If customer connects an AC coupled circuit to the DATA and/or /DATA output terminals,
terminate the terminals with 50-ohm resistors via a bias-tee (see Fig. 9).
Output terminals unused should be terminated with 50-ohm resistors.
Power supply sequence is shown in table 1.
Table 1 Turn-On Procedure
Turn-on sequence
Procedure
Step 1
Make sure the output voltage of the DC power
supply has been set to be - (minus) 6 V.
The DC -6 V on.
Step 2
Main switch (rear panel) on.
A current of 1 A is observed at the DC power
supply.
Wait until the current becomes stable
(approximately 10 sec).
Step 3
Front switch on.
A current of 7 A is observed at the DC power
supply.
Wait until the current becomes stable
(approximately 10 sec).
Step 4
RF input on.
Delay adjustment
To operate the MC740-430E normally, the following delay adjustments are needed (refer to
the function diagram, Fig. 1, and sample implementation, Fig. 9).
(1) CLK10 output: Adjust the timing between the input data (after latching) and the
internal clock at the 4:1 MUX.
(2) Clock delay for the DFF (“
φshifter” on front panel): Adjust the timing between the
output signal from the 4:1 MUX and the clock signal for the DFF.


유사한 부품 번호 - MC740-430E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC7400 ONSEMI-MC7400 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
List of Unclassifed Man...
MC74005N ETC-MC74005N Datasheet
150Kb / 2P
   8-function calculator unit co-operating with LED display
MC74007N ETC-MC74007N Datasheet
150Kb / 2P
   8-function calculator unit co-operating with LED display
logo
Motorola, Inc
MC7403L MOTOROLA-MC7403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
MC7403P MOTOROLA-MC7403P Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
More results

유사한 설명 - MC740-430E

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M8061A KEYSIGHT-M8061A Datasheet
1Mb / 13P
   M8061A 32 Gb/s Multiplexer with De-Emphasis
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
National Semiconductor ...
DM54LS453 NSC-DM54LS453 Datasheet
61Kb / 3P
   QUAD 4:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10E171 ONSEMI-MC10E171 Datasheet
101Kb / 4P
   3-BIT 4:1 MULTIPLEXER
REV 2
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Integrated Device Techn...
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com