전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N02L163WN1A 데이터시트(PDF) 10 Page - NanoAmp Solutions, Inc.

부품명 N02L163WN1A
상세설명  2Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NANOAMP [NanoAmp Solutions, Inc.]
홈페이지  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L163WN1A 데이터시트(HTML) 10 Page - NanoAmp Solutions, Inc.

Back Button N02L163WN1A Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 9Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 10Page - NanoAmp Solutions, Inc. N02L163WN1A Datasheet HTML 11Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
(DOC# 14-02-014 REV L ECN# 01-1000)
10
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WN1A
Ball Grid Array Package
Dimensions (mm)
DE
e = 0.75
BALL
MATRIX
TYPE
SD
SE
J
K
6±0.10
8±0.10
0.375
0.375
1.125
1.375
FULL
SIDE VIEW
TOP VIEW
BOTTOM VIEW
E
D
A1 BALL PAD
CORNER (3)
1.24±0.10
0.28±0.05
0.15
0.05
Z
Z
1. 0.35±0.05 DIA.
1. DIMENSION IS MEASURED AT THE
MAXIMUM SOLDER BALL DIAMETER.
PARALLEL TO PRIMARY Z.
2. PRIMARY DATUM Z AND SEATING
PLANE ARE DEFINED BY THE
SPHERICAL CROWNS OF THE
SOLDER BALLS.
3. A1 BALL PAD CORNER I.D. TO BE
MARKED BY INK.
2. SEATING PLANE - Z
SD
SE
e
K TYP
J TYP
e
A1 BALL PAD
CORNER


유사한 부품 번호 - N02L163WN1A

제조업체부품명데이터시트상세설명
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

유사한 설명 - N02L163WN1A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
ON Semiconductor
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com