전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NANOSMDC020F 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 NANOSMDC020F
상세설명  PolySwitch PTC Devices
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

NANOSMDC020F 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  NANOSMDC020F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco / Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
Fax: 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: nanoSMDC020F
DOCUMENT: SCD 25536
PCN: F64573
REV LETTER: A
REV DATE :OCTOBER 9, 2003
PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Voltage: 24VDC MAX
Short Circuit Current: 100A
Notes:
1. All terminations are tin plated.
2. Devices cannot be wave soldered.
3. Drawing not to scale
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MIN
mm:
3.00
3.4
0.38
0.64
1.37
1.80
0.15
0.076
in:
(0.118) (0.134) (0.015) (0.025) (0.054) (0.071) (0.006) (0.003)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP**
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPERES
AT 0°C
AMPERES
AT 25°C
AMPERES
AT 60°C
SECONDS
AT 25°C, 8.0A
OHMS
AT 25°C
WATTS AT
25°C, 24V
HOLD TRIP HOLD TRIP HOLD TRIP
MAX
MIN*
MAX*
MAX
0.26
0.54
0.20
0.42
0.13
0.27
0.1
1.2
3.8
0.6
* Resistance is measured 1 hour after reflow.
** Values specified were determined using PCB’s with 0.030”X1.5 ounce copper traces.
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage Por current may result in rupture, electrical arcing or flame.


유사한 부품 번호 - NANOSMDC020F

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
nanoSMDC020F MACOM-nanoSMDC020F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
nanoSMDC020F MACOM-nanoSMDC020F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
NANOSMDC020F MACOM-NANOSMDC020F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
NANOSMDC020F LITTELFUSE-NANOSMDC020F Datasheet
340Kb / 2P
   PolySwitch PTC Devices
logo
Tyco Electronics
NANOSMDC020F-2 MACOM-NANOSMDC020F-2 Datasheet
98Kb / 1P
   Specification Status: Released
More results

유사한 설명 - NANOSMDC020F

제조업체부품명데이터시트상세설명
logo
Littelfuse
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
   PolySwitch PTC Devices
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
   PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
   PolySwitch PTC Devices
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SRP350F LITTELFUSE-SRP350F Datasheet
164Kb / 2P
   PolySwitch PTC Devices
LVR016S LITTELFUSE-LVR016S Datasheet
362Kb / 3P
   PolySwitch PTC Devices
LVR055S LITTELFUSE-LVR055S Datasheet
367Kb / 3P
   PolySwitch PTC Devices
NANOASMDC035F LITTELFUSE-NANOASMDC035F Datasheet
342Kb / 2P
   PolySwitch PTC Devices
LVB125 LITTELFUSE-LVB125 Datasheet
362Kb / 3P
   PolySwitch PTC Devices
MICROSMD250LR-A-2 LITTELFUSE-MICROSMD250LR-A-2 Datasheet
302Kb / 3P
   PolySwitch PTC Devices
MINIASMDC110F-16 LITTELFUSE-MINIASMDC110F-16 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com