전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF512 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc

부품명 SST25VF512
상세설명  512 Kbit SPI Serial Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF512 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST25VF512 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
512 Kbit SPI Serial Flash
SST25VF512
7
©2005 Silicon Storage Technology, Inc.
S71192-08-000
11/05
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit pro-
vides status on whether the device is in AAI programming
mode or Byte-Program mode. The default at power up is
Byte-Program mode.
Instructions
Instructions are used to Read, Write (Erase and Program),
and configure the SST25VF512. The instruction bus cycles
are 8 bits each for commands (Op Code), data, and
addresses. Prior to executing any Byte-Program, Auto
Address Increment (AAI) programming, Sector-Erase,
Block-Erase, or Chip-Erase instructions, the Write-Enable
(WREN) instruction must be executed first. The complete
list of the instructions is provided in Table 6. All instructions
are synchronized off a high to low transition of CE#. Inputs
will be accepted on the rising edge of SCK starting with the
most significant bit. CE# must be driven low before an
instruction is entered and must be driven high after the last
bit of the instruction has been shifted in (except for Read,
Read-ID and Read-Status-Register instructions). Any low
to high transition on CE#, before receiving the last bit of an
instruction bus cycle, will terminate the instruction in
progress and return the device to the standby mode.
Instruction commands (Op Code), addresses, and data are
all input from the most significant bit (MSB) first.
TABLE
6: DEVICE OPERATION INSTRUCTIONS1
1. AMS = Most Significant Address
AMS = A15 for SST25VF512
Address bits above the most significant bit of each density can be VIL or VIH
Bus Cycle2
2. One bus cycle is eight clock periods.
12
3
4
5
Cycle Type/Operation3,4
3. Operation: SIN = Serial In, SOUT = Serial Out
4. X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary)
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
Read
03H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
X
DOUT
Sector-Erase5,6
5. Sector addresses: use AMS-A12, remaining addresses can be VIL or VIH
6. Prior to any Byte-Program, AAI-Program, Sector-Erase, Block-Erase, or Chip-Erase operation, the Write-Enable (WREN) instruction
must be executed.
20H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
-
-
Block-Erase5,7
7. Block addresses for: use AMS-A15, remaining addresses can be VIL or VIH
52H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
-
-
Chip-Erase6
60H
Hi-Z
-
-
-
-
-
-
-
-
Byte-Program6
02H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
Auto Address Increment (AAI) Program6,8
8. To continue programming to the next sequential address location, enter the 8-bit command, AFH,
followed by the data to be programmed.
AFH
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
Read-Status-Register (RDSR)
05H
Hi-Z
X
DOUT
-Note9
9. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
-Note9
-Note9
Enable-Write-Status-Register (EWSR)10
10. The Enable-Write-Status-Register (EWSR) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of
each other. The WRSR instruction must be executed immediately (very next bus cycle) after the EWSR instruction to make both
instructions effective.
50H
Hi-Z
-
-
-
-
-
-
-
-
Write-Status-Register (WRSR)10
01H
Hi-Z
Data
Hi-Z
-
-
-.
-
-
-
Write-Enable (WREN)
06H
Hi-Z
-
-
-
-
-
-
-
-
Write-Disable (WRDI)
04H
Hi-Z
-
-
-
-
-
-
-
-
Read-ID
90H or
ABH
Hi-Z
00H
Hi-Z
00H
Hi-Z
ID Addr11
11. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer’s and Device
ID output stream is continuous until terminated by a low to high transition on CE#
Hi-Z
X
DOUT12
12. Device ID = 48H for SST25VF512
T6.18 1192


유사한 부품 번호 - SST25VF512

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
281Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QA SST-SST25VF512-20-4C-QA Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
281Kb / 23P
   512 Kbit SPI Serial Flash
More results

유사한 설명 - SST25VF512

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512_10 Datasheet
281Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
   512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
   512-Kbit serial SPI bus EEPROM
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com