전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF010-20-4C-SA-DD029 데이터시트(PDF) 6 Page - Silicon Storage Technology, Inc

부품명 SST25VF010-20-4C-SA-DD029
상세설명  1 Mbit SPI Serial Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF010-20-4C-SA-DD029 데이터시트(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST25VF010-20-4C-SA-DD029 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SA-DD029 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SA-DD029 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SA-DD029 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SA-DD029 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SA-DD029 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SA-DD029 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SA-DD029 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SA-DD029 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Data Sheet
1 Mbit SPI Serial Flash
SST25VF010
©2003 Silicon Storage Technology, Inc.
S71233-01-000
8/03
Status Register
The software status register provides status on whether the
flash memory array is available for any Read or Write oper-
ation, whether the device is Write enabled, and the state of
the memory Write protection. During an internal Erase or
Program operation, the status register may be read only to
determine the completion of an operation in progress.
Table 5 describes the function of each bit in the software
status register.
Busy
The Busy bit determines whether there is an internal Erase
or Program operation in progress. A “1” for the Busy bit indi-
cates the device is busy with an operation in progress. A “0”
indicates the device is ready for the next valid operation.
Write Enable Latch (WEL)
The Write-Enable-Latch bit indicates the status of the inter-
nal memory Write Enable Latch. If the Write-Enable-Latch
bit is set to “1”, it indicates the device is Write enabled. If the
bit is set to “0” (reset), it indicates the device is not Write
enabled and does not accept any memory Write (Program/
Erase) commands. The Write-Enable-Latch bit is automati-
cally reset under the following conditions:
Power-up
Write-Disable (WRDI) instruction completion
Byte-Program instruction completion
Auto Address Increment (AAI) programming
reached its highest memory address
Sector-Erase instruction completion
Block-Erase instruction completion
Chip-Erase instruction completion
Block Protection (BP1, BP0)
The Block-Protection (BP1, BP0) bits define the size of the
memory area, as defined in Table 4, to be software pro-
tected against any memory Write (Program or Erase)
operations. The Write-Status-Register (WRSR) instruction
is used to program the BP1 and BP0 bits as long as WP#
is high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase
can only be executed if Block-Protection bits are both 0.
After power-up, BP1 and BP0 are set to 1.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-
Lock-Down (BPL) bit. When BPL is set to 1, it prevents any
further alteration of the BPL, BP1, and BP0 bits. When the
WP# pin is driven high (VIH), the BPL bit has no effect and
its value is “Don’t Care”. After power-up, the BPL bit is
reset to 0.
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit pro-
vides status on whether the device is in AAI programming
mode or Byte-Program mode. The default at power up is
Byte-Program mode.
TABLE
4: SOFTWARE STATUS REGISTER
BLOCK PROTECTION1
1. Default at power-up for BP1 and BP0 is ‘11’.
Protection Level
Status
Register Bit
Protected
Memory Area
BP1
BP0
00
0
None
1 (1/4 Memory Array)
0
1
018000H-01FFFFH
2 (1/2 Memory Array)
1
0
010000H-01FFFFH
3 (Full Memory Array)
1
1
000000H-01FFFFH
T4.0 1233
TABLE
5: SOFTWARE STATUS REGISTER
Bit
Name
Function
Default at Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0R
2
BP0
Indicate current level of block write protection (See Table 4)
1
R/W
3
BP1
Indicate current level of block write protection (See Table 4)
1
R/W
4:5
RES
Reserved for future use
0
N/A
6
AAI
Auto Address Increment Programming status
1 = AAI programming mode
0 = Byte-Program mode
0R
7
BPL
1 = BP1, BP0 are read-only bits
0 = BP1, BP0 are read/writable
0R/W
T5.0 1233


유사한 부품 번호 - SST25VF010-20-4C-SA-DD029

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF010-20-4C-SAE SST-SST25VF010-20-4C-SAE Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
More results

유사한 설명 - SST25VF010-20-4C-SA-DD029

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010_06 Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
   1 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com