전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTUA32864EG 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 SSTUA32864EG
상세설명  1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTUA32864EG 데이터시트(HTML) 4 Page - NXP Semiconductors

  SSTUA32864EG Datasheet HTML 1Page - NXP Semiconductors SSTUA32864EG Datasheet HTML 2Page - NXP Semiconductors SSTUA32864EG Datasheet HTML 3Page - NXP Semiconductors SSTUA32864EG Datasheet HTML 4Page - NXP Semiconductors SSTUA32864EG Datasheet HTML 5Page - NXP Semiconductors SSTUA32864EG Datasheet HTML 6Page - NXP Semiconductors SSTUA32864EG Datasheet HTML 7Page - NXP Semiconductors SSTUA32864EG Datasheet HTML 8Page - NXP Semiconductors SSTUA32864EG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
9397 750 14757
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 12 May 2005
4 of 19
Philips Semiconductors
SSTUA32864
1.8 V configurable registered buffer for DDR2-667 RDIMM applications
6.
Pinning information
6.1 Pinning
Fig 2.
Pin configuration for LFBGA96
Fig 3.
Ball mapping; 1 : 1 register (C0 = 0, C1 = 0); top view
002aab384
SSTUA32864EC/G
SSTUA32864EC
Transparent top view
T
R
P
N
M
L
J
G
K
H
F
E
D
C
B
A
246
135
ball A1
index area
DCKE
n.c.
VREF
VDD
QCKE
DNU
123456
D2
D15
GND
GND
Q2
Q15
A
B
D3
D16
VDD
VDD
Q3
Q16
C
DODT
n.c.
GND
GND
QODT
DNU
D
D5
D17
VDD
VDD
Q5
Q17
E
D6
D18
GND
GND
Q6
Q18
F
n.c.
RESET
VDD
VDD
C1
C0
G
CK
DCS
GND
GND
QCS
DNU
H
CK
CSR
VDD
VDD
ZOH
ZOL
J
D8
D19
GND
GND
Q8
Q19
K
D9
D20
VDD
VDD
Q9
Q20
L
D10
D21
GND
GND
Q10
Q21
M
D11
D22
VDD
VDD
Q11
Q22
N
D12
D23
GND
GND
Q12
Q23
P
D13
D24
VDD
VDD
Q13
Q24
R
D14
D25
VREF
VDD
Q14
Q25
T
002aaa955


유사한 부품 번호 - SSTUA32864EG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SSTUA32864EC NXP-SSTUA32864EC Datasheet
124Kb / 20P
   1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Rev. 02-9 March 2007
SSTUA32864EC/G NXP-SSTUA32864EC/G Datasheet
124Kb / 20P
   1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Rev. 02-9 March 2007
More results

유사한 설명 - SSTUA32864EG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SSTUA32864 NXP-SSTUA32864_07 Datasheet
124Kb / 20P
   1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Rev. 02-9 March 2007
SSTU32864 PHILIPS-SSTU32864 Datasheet
127Kb / 21P
   1.8 V configurable registered buffer for DDR2 RDIMM applications
Rev. 02-22 October 2004
SSTUB32864 NXP-SSTUB32864 Datasheet
121Kb / 19P
   1.8 V configurable registered buffer for DDR2-800 RDIMM applications
Rev. 02-26 March 2007
SSTUH32864 PHILIPS-SSTUH32864 Datasheet
119Kb / 20P
   1.8 V high output drive configurable registered buffer for DDR2 RDIMM applications
Rev. 01-22 April 2005
SSTUA32S865 NXP-SSTUA32S865 Datasheet
160Kb / 29P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-16 March 2007
SSTUA32866 NXP-SSTUA32866 Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
SSTUA32866 PHILIPS-SSTUA32866 Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTUG32868 NXP-SSTUG32868 Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com