전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSTX4915 데이터시트(PDF) 6 Page - Silicon Storage Technology, Inc

부품명 SSTX4915
상세설명  LOW POWER ASK TRANSMITTER IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSTX4915 데이터시트(HTML) 6 Page - Silicon Storage Technology, Inc

  SSTX4915 Datasheet HTML 1Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 2Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 3Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 4Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 5Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 6Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 7Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 8Page - Silicon Storage Technology, Inc SSTX4915 Datasheet HTML 9Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.SiliconStandard.com
6 of 9
Transmit amplifier chain
A transmit amplifier chain consists of a driver amplifier followed by an open collector output stage. The
open collector TXOUT output (pin 5) requires an external pull-up inductor for bias. This inductor may be
used as part of an L-C matching circuit for transforming the amplifier output impedance to that of an exter-
nal loop antenna. To achieve optimum power-added efficiency, the peak-to-peak RF voltage swing at the
TXOUT pin should be twice the supply voltage. Also, the output amplifier has its own ground pin (VSS) in
order to improve isolation.
The transmitter chain is designed for amplitude-shift-keying/on-off keying (ASK/OOK), with the modula-
tion data provided at the MODIN input (pin 8). When V
MODIN > 0.7 V, an output signal is transmitted, and
when V
MODIN <0.7 V, no output signal is transmitted.
Operation modes
The table below summarizes the TX4915’s three operating modes — power-down, PLL-only and transmit,
which are controlled by the TXEN and MODIN inputs.
TXEN
MODIN
Operation Mode
L
L
Power-down
HL
PLL-only
H> 0.7 VTransmit
Rev.2.02 8/06/2003
SSTX4915


유사한 부품 번호 - SSTX4915

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SSTX4930 ETC1-SSTX4930 Datasheet
105Kb / 6P
   Low Power ISM-Band FM/FSK Transmitter
More results

유사한 설명 - SSTX4915

제조업체부품명데이터시트상세설명
logo
Princeton Technology Co...
TX4915 PTC-TX4915 Datasheet
159Kb / 3P
   TX4915 Low Power ASK Transmitter IC
logo
Dorji Industrial Group ...
DRA888TX DORJI-DRA888TX Datasheet
110Kb / 2P
   LOW POWER ASK TRANSMITTER MODULE
logo
Princeton Technology Co...
PT4450 PTC-PT4450 Datasheet
211Kb / 11P
   SAW-based ASK/OOK Transmitter IC
PT4455 PTC-PT4455 Datasheet
167Kb / 4P
   PLL-based OOK/ASK Transmitter IC
logo
List of Unclassifed Man...
RX3400 ETC-RX3400 Datasheet
87Kb / 7P
   Low Power ASK Receiver IC
logo
Melexis Microelectronic...
TH72012 MELEXIS-TH72012_12 Datasheet
696Kb / 20P
   ASK Transmitter
TH72002 MELEXIS-TH72002_12 Datasheet
700Kb / 20P
   ASK Transmitter
TH72032 MELEXIS-TH72032_12 Datasheet
691Kb / 20P
   ASK Transmitter
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
   ASK Transmitter
logo
Infineon Technologies A...
TX98-4 INFINEON-TX98-4 Datasheet
1Mb / 20P
   ASK Transmitter
Revision 1.0, 2010-04-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com