전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF010-20-4C-SAE-DD02 데이터시트(PDF) 5 Page - Silicon Storage Technology, Inc

부품명 SST25VF010-20-4C-SAE-DD02
상세설명  1 Mbit SPI Serial Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF010-20-4C-SAE-DD02 데이터시트(HTML) 5 Page - Silicon Storage Technology, Inc

  SST25VF010-20-4C-SAE-DD02 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE-DD02 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE-DD02 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE-DD02 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE-DD02 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE-DD02 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE-DD02 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE-DD02 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF010-20-4C-SAE-DD02 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
1 Mbit SPI Serial Flash
SST25VF010
5
©2003 Silicon Storage Technology, Inc.
S71233-01-000
8/03
Hold Operation
HOLD# pin is used to pause a serial sequence underway
with the SPI flash memory without resetting the clocking
sequence. To activate the HOLD# mode, CE# must be in
active low state. The HOLD# mode begins when the SCK
active low state coincides with the falling edge of the
HOLD# signal. The HOLD mode ends when the HOLD#
signal’s rising edge coincides with the SCK active low state.
If the falling edge of the HOLD# signal does not coincide
with the SCK active low state, then the device enters Hold
mode when the SCK next reaches the active low state.
Similarly, if the rising edge of the HOLD# signal does not
coincide with the SCK active low state, then the device
exits in Hold mode when the SCK next reaches the active
low state. See Figure 3 for Hold Condition waveform.
Once the device enters Hold mode, SO will be in high-
impedance state while SI and SCK can be VIL or VIH.
If CE# is driven active high during a Hold condition, it resets
the internal logic of the device. As long as HOLD# signal is
low, the memory remains in the Hold condition. To resume
communication with the device, HOLD# must be driven
active high, and CE# must be driven active low. See Figure
17 for Hold timing.
FIGURE 3: HOLD CONDITION WAVEFORM
Write Protection
The SST25VF010 provides software Write protection. The
Write Protect pin (WP#) enables or disables the lock-down
function of the status register. The Block-Protection bits
(BP1, BP0, and BPL) in the status register provide Write
protection to the memory array and the status register. See
Table 4 for Block-Protection description.
Write Protect Pin (WP#)
The Write Protect (WP#) pin enables the lock-down func-
tion of the BPL bit (bit 7) in the status register. When WP#
is driven low, the execution of the Write-Status-Register
(WRSR) instruction is determined by the value of the BPL
bit (see Table 3). When WP# is high, the lock-down func-
tion of the BPL bit is disabled.
Active
Hold
Active
Hold
Active
1233 F03.0
SCK
HOLD#
TABLE
3: CONDITIONS TO EXECUTE WRITE-STATUS-
REGISTER (WRSR) INSTRUCTION
WP#
BPL
Execute WRSR Instruction
L1
Not Allowed
L0
Allowed
HX
Allowed
T3.0 1233


유사한 부품 번호 - SST25VF010-20-4C-SAE-DD02

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF010-20-4C-SAE SST-SST25VF010-20-4C-SAE Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
More results

유사한 설명 - SST25VF010-20-4C-SAE-DD02

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010_06 Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
   1 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B_07 Datasheet
511Kb / 30P
   4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com