전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD4A60S 데이터시트(PDF) 2 Page - SemiWell Semiconductor

부품명 STD4A60S
상세설명  Sensitive Gate Triacs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIWELL [SemiWell Semiconductor]
홈페이지  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

STD4A60S 데이터시트(HTML) 2 Page - SemiWell Semiconductor

  STD4A60S Datasheet HTML 1Page - SemiWell Semiconductor STD4A60S Datasheet HTML 2Page - SemiWell Semiconductor STD4A60S Datasheet HTML 3Page - SemiWell Semiconductor STD4A60S Datasheet HTML 4Page - SemiWell Semiconductor STD4A60S Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
TJ = 125 °C
──
1.0
mA
VTM
Peak On-State Voltage
IT = 6 A, Inst. Measurement
1.6
V
I+GT1
Gate Trigger Current
VD = 6 V, RL=10 Ω
──
5
mA
I -GT1
──
5
I -GT3
──
5
I+GT3
812
V+GT1
Gate Trigger Voltage
VD = 6 V, RL=10 Ω
──
1.4
V
V-GT1
──
1.4
V-GT3
──
1.4
V+GT3
1.6
2.0
VGD
Non-Trigger Gate Voltage
TJ = 125 °C, VD = 1/2 VDRM
0.2
──
V
(dv/dt)c
Critical Rate of Rise Off-State
Voltage at Commutation
TJ = 125 °C, [di/dt]c = -2.0 A/ms,
VD=2/3 VDRM
5
──
V/㎲
IH
Holding Current
──
10
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
2.6
°C/W
STD4A60S
2/5


유사한 부품 번호 - STD4A60S

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
STD4 COOPER-STD4 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Visual Communications C...
STD400BLK VCC-STD400BLK Datasheet
67Kb / 1P
   STD
logo
Sirectifier Semiconduct...
STD40G08S SIRECTIFIER-STD40G08S Datasheet
226Kb / 2P
   Thyristor-Diode Modules
STD40G12S SIRECTIFIER-STD40G12S Datasheet
226Kb / 2P
   Thyristor-Diode Modules
STD40G14S SIRECTIFIER-STD40G14S Datasheet
226Kb / 2P
   Thyristor-Diode Modules
More results

유사한 설명 - STD4A60S

제조업체부품명데이터시트상세설명
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com