전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC164-JRI35K6 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 TC164-JRI35K6
상세설명  CHIP RESISTORS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TC164-JRI35K6 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  TC164-JRI35K6 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC164-JRI35K6 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC164-JRI35K6 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC164-JRI35K6 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC164-JRI35K6 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC164-JRI35K6 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC164-JRI35K6 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.yageo.com
Mar. 24, 2004 V.4
Chip Resistor Surface Mount
5
7
SERIES
TC
164
TYPE
TEST METHOD
ACCEPTANCE STANDARD
Formula
Temperature
Coefficient of
Resistance
(T.C.R.)
Measure resistance at
+25°C or specified room
temperature as R1, then
measure at –55°C or
+155°C respectively as R2.
Determine the
temperature coefficient of
resistance from the
following formula:
T.C.R. = ------------------------- ×106 (ppm/°C)
Where
t1=+25°C or specified room temperature
t2=–55°C or +155°C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Refer to table 2
Thermal
Shock
At –55±3°C for 2 minutes and at +155±2°C for 2 minutes as one cycle. After 5
cycles, the specimen shall be stabilized at room temp.
Measure the resistance to determine ΔR/R(%) after one more hour.
±(1.0%+0.05Ω)
Low
Temperature
Operation
Place the specimen in a test chamber maintained at –65 (+0/–5)°C. After one hour
stabilization at this temperature, full rated working voltage shall be applied for 45
(+5/–0) minutes. Have15 (+5/–0 ) minutes after remove the voltage, the specimen
shall be removed from the chamber and stabilized at room temperature for 24 hrs.
Measure the resistance to determine ΔR/R(%).
±(1.0%+0.05Ω)
No visible damage
Short
Time
Overload
Apply 2.5 times of rated voltage but not exceeding the maximum overload voltage
for 5 seconds. Have the specimen stabilized at room temperature for 30 minutes
minimum.
Measure the resistance to determine ΔR/R(%).
±(2.0%+0.05Ω)
No visible damage
Insulation
Resistance
Place the specimen in the jig and apply a rated
continues overload voltage (R.C.O.V) for one
minute as shown.
Measure the insulation resistance.
Type
TC164
Voltage (DC)
100V
≥10,000MΩ
Dielectric
Withstand
Voltage
Place the specimen in the jig and apply a
specified value continuous overload voltage as
shown for one minute.
Type
TC164
Voltage (AC)
100Vrms
Breakdown voltage>
specification and without
open/short
Resistance
To Soldering
Heat
Immerse the specimen in the solder pot at 260±5°C. for 10±1 seconds. Have the
specimen stabilized at room temperature for 30 minutes minimum.
Measure the resistance to determine
R/R(%).
Δ
±(1.0%+0.05Ω)
No visible damage
R2–R1
R1(t2–t1)


유사한 부품 번호 - TC164-JRI35K6

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
TC164-JR-011K2L YAGEO-TC164-JR-011K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070R YAGEO-TC164-JR-070R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
TC164-JR-0710R YAGEO-TC164-JR-0710R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071K YAGEO-TC164-JR-071K Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

유사한 설명 - TC164-JRI35K6

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com