전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC164-JR07IM 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 TC164-JR07IM
상세설명  CHIP RESISTORS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TC164-JR07IM 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

  TC164-JR07IM Datasheet HTML 1Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 2Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 3Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 4Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 5Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 6Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.yageo.com
Mar. 24, 2004 V.4
Chip Resistor Surface Mount
7
7
SERIES
TC
164
75
initial drying
24 hours
90
− 98% RH
80
− 98%
RH
temperature
tolerance
±2
°C (±3.6 °F)
unless otherwise
specified
initial measurements
as specified in 2.2
0
STEP1
STEP3
STEP2
prior to first
cycle only
STEP4
one cycle 24 hours; repeat as specified in 2.5
voltage applied as specified in 2.4
circulation of conditioning air shall be at a
minimum cubic rate per minute equivalent to
10 times the volume of the chamber
STEP6
STEP7
HBK073
STEP5
510
15
end of final cycle;
measurements
as specified in 2.7
optional sub-cycle if specified
(2.3); sub-cycle performed during
any 5 of the first 9 cycles; humidity
uncontrolled during sub-cycle
20
time [h]
temperature
[
°C]
25
50
25
0
90
− 98% RH
90
− 98% RH
+10 °C (+18 °F)
−2 °C (−3.6 °F)
80
− 98%
RH
rate of change of temperature is unspecified,
however, specimens shall not be subjected to
radiant heating from chamber conditioning processes
Fig. 9
Conditions by change of temperature


유사한 부품 번호 - TC164-JR07IM

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
TC164-JR-011K2L YAGEO-TC164-JR-011K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070R YAGEO-TC164-JR-070R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
TC164-JR-0710R YAGEO-TC164-JR-0710R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071K YAGEO-TC164-JR-071K Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

유사한 설명 - TC164-JR07IM

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com