전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFH1216Q2M-DEB 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 KFH1216Q2M-DEB
상세설명  FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFH1216Q2M-DEB 데이터시트(HTML) 3 Page - Samsung semiconductor

  KFH1216Q2M-DEB Datasheet HTML 1Page - Samsung semiconductor KFH1216Q2M-DEB Datasheet HTML 2Page - Samsung semiconductor KFH1216Q2M-DEB Datasheet HTML 3Page - Samsung semiconductor KFH1216Q2M-DEB Datasheet HTML 4Page - Samsung semiconductor KFH1216Q2M-DEB Datasheet HTML 5Page - Samsung semiconductor KFH1216Q2M-DEB Datasheet HTML 6Page - Samsung semiconductor KFH1216Q2M-DEB Datasheet HTML 7Page - Samsung semiconductor KFH1216Q2M-DEB Datasheet HTML 8Page - Samsung semiconductor KFH1216Q2M-DEB Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
OneNAND512/OneNAND1GDDP
FLASH MEMORY
3
Document Title
OneNAND
Revision History
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
Revision No.
0.0
0.0.1
0.0.2
0.0.3
0.1
0.1.1
0.2
0.3
Remark
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Draft Date
Jan. 07, 2004
Jan. 29, 2004
Jan. 30, 2004
Feb. 03, 2004
Feb.11, 2004
Mar.9, 2004
Mar. 22, 2004
Mar. 31, 2004
History
Initial issue.
1. Add the "Invalid block management" and "Error management in read and
write operation"
2. Add the restriction in addressing for program operation.
3. Add the asynchronous write and latched asynchronous write mode timing
diagram.
4.Define new parameters in asynchronous write mode.
-tCH1 : 10ns, tCH2 : 0ns
1. Add the dual operation diagram.
2. Add the block replacement diagram
1. Edit the block replacement diagram
2. Add the 3.3V product.
1. Excluded Cache Program Operation
2. Added the descriptions for below operations
-. Reset
-. Write Protection
-. Burst Read Latency
-. Dual Operation
-. Invalid block definition and Identification method
-. Error in write or read operation
-. ECC
3. Revised program sequence
4. Some AC parameters are changed.
tACH : 9ns-->7ns, tCES : 7ns-->9ns, tAAVDS : 5ns-->7ns
tDS : 30ns-->10ns, tDH : 0ns-->4ns
5. Define new AC parameter.
tAWES(Address hold time in AVD low case of asynchronous write mode)
Min. 0ns
1. Correct an errata
Ball pitch of package is corrected.
0.5mm --> 0.8mm
2. Edit the timing diagram of burst read wrap around.(Figure 23,24)
1. The specification of 2.7V device is added.
1. The specification of 3.3V device is deleted.
2. Correct some typos.


유사한 부품 번호 - KFH1216Q2M-DEB

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KFH1G1612M-DEB5 SAMSUNG-KFH1G1612M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFH1G1612M-DED5 SAMSUNG-KFH1G1612M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFH1G16D2M-DEB5 SAMSUNG-KFH1G16D2M-DEB5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFH1G16D2M-DEB6 SAMSUNG-KFH1G16D2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFH1G16D2M-DED5 SAMSUNG-KFH1G16D2M-DED5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

유사한 설명 - KFH1216Q2M-DEB

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com