전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFG1G16D2M-DED5 데이터시트(PDF) 8 Page - Samsung semiconductor

부품명 KFG1G16D2M-DED5
상세설명  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG1G16D2M-DED5 데이터시트(HTML) 8 Page - Samsung semiconductor

Back Button KFG1G16D2M-DED5 Datasheet HTML 4Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 5Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 6Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 7Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 8Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 9Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 10Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 11Page - Samsung semiconductor KFG1G16D2M-DED5 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
8
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
OneNAND
‚ is a monolithic integrated circuit with a NAND Flash array using a NOR Flash interface. This device includes control
logic, a NAND Flash array, and 5KB of internal BufferRAM. The BufferRAM reserves 1KB for boot code buffering (BootRAM) and 4KB
for data buffering (DataRAM), split between 2 independent buffers. It has a x16 Host Interface and a random access time speed of
~76ns.
The device operates up to a maximum host-driven clock frequency of 54MHz for synchronous reads at Vcc(or Vccq. Refer to chapter
4.2) with minimum 4-clock latency. Below 40MHz it is accessible with minimum 3-clock latency. Appropriate wait cycles are deter-
mined by programmable read latency.
OneNAND provides for multiple sector read operations by assigning the number of sectors to be read in the sector counter
register. The device includes one block-sized OTP (One Time Programmable) area that can be used to increase system security or
to provide identification capabilities.
1.6
General Overview


유사한 부품 번호 - KFG1G16D2M-DED5

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KFG1G16D2M-DED SAMSUNG-KFG1G16D2M-DED Datasheet
1Mb / 93P
   FLASH MEMORY
More results

유사한 설명 - KFG1G16D2M-DED5

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com