전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC121S101CIMMX 데이터시트(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 DAC121S101CIMMX
상세설명  12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC121S101CIMMX 데이터시트(HTML) 11 Page - National Semiconductor (TI)

Back Button DAC121S101CIMMX Datasheet HTML 7Page - National Semiconductor (TI) DAC121S101CIMMX Datasheet HTML 8Page - National Semiconductor (TI) DAC121S101CIMMX Datasheet HTML 9Page - National Semiconductor (TI) DAC121S101CIMMX Datasheet HTML 10Page - National Semiconductor (TI) DAC121S101CIMMX Datasheet HTML 11Page - National Semiconductor (TI) DAC121S101CIMMX Datasheet HTML 12Page - National Semiconductor (TI) DAC121S101CIMMX Datasheet HTML 13Page - National Semiconductor (TI) DAC121S101CIMMX Datasheet HTML 14Page - National Semiconductor (TI) DAC121S101CIMMX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Typical Performance Characteristics f
SCLK = 30 MHz, TA = 25C, Input Code Range 48 to 4047,
unless otherwise stated (Continued)
3V INL vs. Temperature
5V INL vs. Temperature
20114932
20114933
Zero Code Error vs. f
SCLK
Zero Code Error vs. Clock Duty Cycle
20114934
20114935
Zero Code Error vs. Temperature
Full-Scale Error vs. f
SCLK
20114936
20114937
www.national.com
11


유사한 부품 번호 - DAC121S101CIMMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101CIMMX NSC-DAC121S101CIMMX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101CIMMX TI-DAC121S101CIMMX Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101CIMMX TI1-DAC121S101CIMMX Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121S101CIMMX/NOPB TI1-DAC121S101CIMMX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

유사한 설명 - DAC121S101CIMMX

제조업체부품명데이터시트상세설명
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com