전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFW2G16D2M-DIB6 데이터시트(PDF) 3 Page - Samsung semiconductor

부품명 KFW2G16D2M-DIB6
상세설명  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFW2G16D2M-DIB6 데이터시트(HTML) 3 Page - Samsung semiconductor

  KFW2G16D2M-DIB6 Datasheet HTML 1Page - Samsung semiconductor KFW2G16D2M-DIB6 Datasheet HTML 2Page - Samsung semiconductor KFW2G16D2M-DIB6 Datasheet HTML 3Page - Samsung semiconductor KFW2G16D2M-DIB6 Datasheet HTML 4Page - Samsung semiconductor KFW2G16D2M-DIB6 Datasheet HTML 5Page - Samsung semiconductor KFW2G16D2M-DIB6 Datasheet HTML 6Page - Samsung semiconductor KFW2G16D2M-DIB6 Datasheet HTML 7Page - Samsung semiconductor KFW2G16D2M-DIB6 Datasheet HTML 8Page - Samsung semiconductor KFW2G16D2M-DIB6 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
3
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
Document Title
OneNAND
Revision History
Revision No.
0.0
0.1
0.2
0.3
0.4
0.4.1
Remark
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Draft Date
Oct. 26, 2004
Dec. 7, 2004
Dec. 24, 2004
Jan. 10, 2005
Feb. 25, 2005
Mar. 2, 2005
History
Initial Issue.
1. Corrected Errata
2. Revised cache read flow chart
3. Revised standby current
4. Revised spare area description
5. Added CE don’t care state for Asynch Write, Load, Program, and Block
Erase timing diagram
1. Corrected Errata
2. Added Copy-back Program Operation With Random Data Input
3. Pended Active Erase Current
4. Changed tBA from 11ns to 11.5ns
1. Corrected the errata
2. Revised typical value of ISB from 50uA to 10uA
3. Revised maximum value of ISB from 100uA to 50uA
4. Revised erase current as TBD
5. Revised maximum value of tCE, tAA and tACC from 70ns to 76ns
6. Revised Vcc-IO description
7. Revised Spare Area description
8. Added extra information on Controller Status Register
9. Added commands related to Interrupt Status Register bits
10. Revised Write Protection Status on Chapter 3.4.3
11. Revised Copy-Back Program Operation description
12. Added extra information on Multi-Block Erase Operation
13. Disabled FBA restriction in OTP operation
14. Revised Cache Read Flow Chart
15. Added ISB information on DDP
16. Revised Reset Parameter descriptions
17. Added RDY information on Warm Reset Timing diagram
18. Added information on Data Protection Timing During Power Down
19. Revised Interrupt pin rise and falling slope graph
20. Added restriction on address register setting on Dual Operations
21. Added restriction on address register setting on Cache Read Operation
1. Corrected the errata
2. Updated DC parameters to RMS values
3. Added QDP feature
4. Added Speed Information on Product Number
5. Revised tOEZ description
6. Revised OTP register setting restriction
7. Added ILI, ILO and ISB information on QDP
8. Added Boot Sequence Infrormation on Technical Notes
9. Added Cint Information
1. Revised OTP Load Operation Flow Chart
1.1
Revision History


유사한 부품 번호 - KFW2G16D2M-DIB6

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KFW2G16Q2M-DEB6 SAMSUNG-KFW2G16Q2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
KFW2G16Q2M-DED6 SAMSUNG-KFW2G16Q2M-DED6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
More results

유사한 설명 - KFW2G16D2M-DIB6

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com