전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34921R2 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 MC34921R2
상세설명  Configurable Motor Driver IC with Power Supplies
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

MC34921R2 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MC34921R2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC34921R2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MC34921R2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MC34921R2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MC34921R2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC34921R2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC34921R2 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC34921R2 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC34921R2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34921
MAXIMUM RATINGS
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-20 to 85
150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance
Junction to Ambient(3)
Junction to Board(4)
Junction to Case
RθJA
RθJB
RθJC
40
14
<1.0
°C/W
Peak Package Reflow Temperature During Solder Mounting (5)
TSOLDER
245
°C
THERMAL RESISTANCE AND PACKAGE DISSIPATION RATINGS
Power Dissipation (TA = 25° C)
(6)
PD
2.0
W
Notes
3.
1s PCB test board JESD51-2 and SEMI G38-87.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured at the package
center lead foot. 2s2p test board, exposed pad soldered to PCB.
5.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits
may cause malfunction or permanent damage to the device.
6.
Maximum power dissipation at indicated ambient temperature in free air with no heatsink used.
Table 2. Maximum Ratings(continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Max
Unit


유사한 부품 번호 - MC34921R2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MC34921AE FREESCALE-MC34921AE Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
MC34921AER2 FREESCALE-MC34921AER2 Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
More results

유사한 설명 - MC34921R2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
34921 FREESCALE-34921 Datasheet
842Kb / 36P
   Configurable Motor Driver IC with Power Supplies
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Allegro MicroSystems
SLA7075M ALLEGRO-SLA7075M Datasheet
363Kb / 13P
   Motor Driver IC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com