전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

NTE7053 데이터시트(Datasheet) 1 Page - NTE Electronics

부품명 NTE7053
상세내용  Integrated Circuit 22W Bridge-Stereo Amplifier for Car Radio
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NTE [NTE Electronics]
홈페이지  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE7053
Integrated Circuit
22W Bridge–Stereo Amplifier
for Car Radio
Description:
The NTE7053 is an audio power amplifier is a 11–Lead Staggered SIP type package designed for car
radio applications.
Thanks to the fully complementary PNP/NPN output configuration, the high performance of this de-
vice is obtained without bootstrap capacitors.
A delay turn–on mute circuit eliminates audible ON/OFF noise, and a novel short circuit protection
system prevents spurious intervention with highly inductive loads.
Features:
D Few External Components
D No Boucherot Cells
D No Bootstrap Capacitors
D High Output Power
D No Switch ON/OFF Noise
D Very Low Stand–by Current
D Fixed Gain (30dB Stereo)
D Programmable Turn–On Delay
Protections:
D Output AC–DC Short Circuit to GND and to
Supply Voltage
D Very Inductive Loads
D Loudspeaker Protection
D Overrating Chip Temperature
D Load Dump Voltage
D Fortuitous Open Ground
Absolute Maximum Ratings:
Operating Supply Voltage, VS
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Supply Voltage, VS
28V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Supply Voltage (for t = 50ms), VS
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Peak Current (Non–Repetitive for t = 100
µs), IO
5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Peak Current (Repetitive Frequency > 10Hz), IO
4A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +85°C), Ptot
36W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature Range, TJ
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Case, RthJC
1.8
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .




Html 페이지

1  2  3 


데이터시트



관련 부품명

부품명상세내용Html View제조사
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
TDA7350A22W BRIDGE-STEREO AMPLIFIER FOR CAR RADIO 1 2 3 4 5 MoreSTMicroelectronics
NTE1370Integrated Circuit Audio Power Amplifier 5.8W for Car Radio 1 2 NTE Electronics
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
NTE1604Integrated Circuit FM IF System for Car Radio 1 2 3 NTE Electronics
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1166Integrated Circuit Module Hybrid Audio Output 5.8W for Car Radio & CB 1 2 NTE Electronics
NTE1170Integrated Circuit Dual Preamp for Car Radio 1 2 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl