전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST180S16P1 데이터시트(PDF) 8 Page - International Rectifier

부품명 ST180S16P1
상세설명  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST180S16P1 데이터시트(HTML) 8 Page - International Rectifier

  ST180S16P1 Datasheet HTML 1Page - International Rectifier ST180S16P1 Datasheet HTML 2Page - International Rectifier ST180S16P1 Datasheet HTML 3Page - International Rectifier ST180S16P1 Datasheet HTML 4Page - International Rectifier ST180S16P1 Datasheet HTML 5Page - International Rectifier ST180S16P1 Datasheet HTML 6Page - International Rectifier ST180S16P1 Datasheet HTML 7Page - International Rectifier ST180S16P1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ST180S Series
8
Bulletin I25165 rev. C 03/03
www.irf.com
Fig. 9 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1)
(2)
(3)
Instantaneous Gate Current (A)
Rec tangular gate pulse
a) Recommended load line for
b) Rec ommended load line for
<=30% rated di/ dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 4ms
(2) PGM = 20W, tp = 2ms
(3) PGM = 40W, tp = 1ms
(4) PGM = 60W, tp = 0.66ms
Device: ST180SSeries
(4)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 03/03
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


유사한 부품 번호 - ST180S16P1

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST180S16P1 IRF-ST180S16P1 Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S16P1L IRF-ST180S16P1L Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S16P1V IRF-ST180S16P1V Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
ST180S16P1VL IRF-ST180S16P1VL Datasheet
290Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
More results

유사한 설명 - ST180S16P1

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com