전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7MTX01FK 데이터시트(PDF) 8 Page - Toshiba Semiconductor

부품명 TC7MTX01FK
상세설명  TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MTX01FK 데이터시트(HTML) 8 Page - Toshiba Semiconductor

Back Button TC7MTX01FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 10Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 11Page - Toshiba Semiconductor TC7MTX01FK Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC7MTX01FK
2002-03-18
8
XOcont Output Operation
XOcont is the output pin used to output temperature compensation data (XOcont data) corresponding to the
output from the built-in temperature sensor. Data corresponding to each 1°C temperature increment is stored in
the E2PROM.
1.
Output at power-on
At power-on, 1/2 x ref. voltage (80H) is output on XOcont.
Delay time tpux, from power-on to start of output of 1/2 x ref. voltage, is 100 ms or less.
2.
Output caused by trigger input
The rising edge of the Trig.1 input triggers the built-in temperature sensor. The sum of the temperature
sensor output and 25°C temperature sensor compensation data (stored at address 0FH) is used as the
XOcont data address. The XOcont data is converted to an analog voltage level and output on XOcont.
The delay time txoc, from Trig.1 input to start of voltage output, is 500 ms or less.
3.
XOcont data
The XOcont data is stored at addresses 10H~6FH of the E2PROM and is used as compensation data
corresponding to every 1°C increment in the ambient temperature range -22°C~73°C.
The voltage output on XOcont corresponds to the 8-bit data stored in the E2PROM (0 V for the value
stored at address 00H; VRef for the value stored at address FFH).
When the ambient temperature is outside the range of the E2PROM table (i.e. below -22°C or above
73°C), the compensation value for the table’s minimum or maximum temperature (-22°C or 73°C) is
output.
(1)
Power supply
Trig1. input
Xocont output
Output timing for XOcont
1/2
´ ref. voltage
(2)
Current temperature data (1) Current temperature data (2)
tpux
txoc
txoc


유사한 부품 번호 - TC7MTX01FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
173Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results

유사한 설명 - TC7MTX01FK

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com