전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CBR02C689B3GAC 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 CBR02C689B3GAC
상세설명  CBR-SMD RF C0G, Ceramic, High Q, 6.8 pF, /-0.1 pF, 25 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0201
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

CBR02C689B3GAC 데이터시트(HTML) 1 Page - Kemet Corporation

  CBR02C689B3GAC Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: CBR02C689B3GAC
CBR-SMD RF C0G, Ceramic, High Q, 6.8 pF, +/-0.1 pF, 25 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0201
Dimensions
L
0.6mm +/-0.03mm
W
0.3mm +/-0.03mm
T
0.3mm +/-0.03mm
B
0.15mm +/-0.05mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 15000
General Information
Supplier: KEMET
Series: CBR-SMD RF C0G
Style: SMD Chip
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 936
Notes: Solder Reflow Only
Chip Size: 0201
Specifications
Capacitance: 6.8 pF
Capacitance Tolerance: +/-0.1 pF
Voltage DC: 25 VDC
Dielectric Withstanding
Voltage: 62.5 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.19%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Quality Factor: 936
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/06/2018 - 0e7cef96-2a3a-4e45-a13f-2abc356bed3f


유사한 부품 번호 - CBR02C689B3GAC

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
CBR02C689B5GAC KEMET-CBR02C689B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.8 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results

유사한 설명 - CBR02C689B3GAC

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
CBR02C809B3GAC KEMET-CBR02C809B3GAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 8 pF, /-0.1 pF, 25 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0201
CBR02C109B3GAC KEMET-CBR02C109B3GAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 1 pF, /-0.1 pF, 25 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0201
CBR02C689B5GAC KEMET-CBR02C689B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.8 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C108B5GAC KEMET-CBR02C108B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 0.1 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C160F3GAC KEMET-CBR02C160F3GAC Datasheet
59Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 16 pF, 1%, 25 VDC, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0201
CBR02C209B5GAC KEMET-CBR02C209B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 2 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C269B5GAC KEMET-CBR02C269B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 2.6 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C659B5GAC KEMET-CBR02C659B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 6.5 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C339B5GAC KEMET-CBR02C339B5GAC Datasheet
71Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 3.3 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
CBR02C489B5GAC KEMET-CBR02C489B5GAC Datasheet
72Kb / 1P
   CBR-SMD RF C0G, Ceramic, High Q, 4.8 pF, /-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com