전자부품 데이터시트 검색엔진 |
|
FM25L256 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers |
|
FM25L256 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 14 page FM25L256 Rev. 2.0 Apr. 2005 Page 5 of 14 Power Up to First Access The FM25L256 is not accessible for a period of time (10 ms) after power up. Users must comply with the timing parameter tPU, which is the minimum time from VDD (min) to the first /CS low. Data Transfer All data transfers to and from the FM25L256 occur in 8-bit groups. They are synchronized to the clock signal (SCK), and they transfer most significant bit (MSB) first. Serial inputs are registered on the rising edge of SCK. Outputs are driven from the falling edge of SCK. Command Structure There are six commands called op-codes that can be issued by the bus master to the FM25L256. They are listed in the table below. These op-codes control the functions performed by the memory. They can be divided into three categories. First, there are commands that have no subsequent operations. They perform a single function such as to enable a write operation. Second are commands followed by one byte, either in or out. They operate on the status register. The third group includes commands for memory transactions followed by address and one or more bytes of data. Table 1. Op-code Commands Name Description Op-code WREN Set Write Enable Latch 0000 0110b WRDI Write Disable 0000 0100b RDSR Read Status Register 0000 0101b WRSR Write Status Register 0000 0001b READ Read Memory Data 0000 0011b WRITE Write Memory Data 0000 0010b WREN - Set Write Enable Latch The FM25L256 will power up with writes disabled. The WREN command must be issued prior to any write operation. Sending the WREN op-code will allow the user to issue subsequent op-codes for write operations. These include writing the status register and writing the memory. Sending the WREN op-code causes the internal Write Enable Latch to be set. A flag bit in the status register, called WEL, indicates the state of the latch. WEL=1 indicates that writes are permitted. Attempting to write the WEL bit in the status register has no effect on the state of this bit. Completing any write operation will automatically clear the write-enable latch and prevent further writes without another WREN command. Figure 5 below illustrates the WREN command bus configuration. WRDI - Write Disable The WRDI command disables all write activity by clearing the Write Enable Latch. The user can verify that writes are disabled by reading the WEL bit in the status register and verifying that WEL=0. Figure 6 illustrates the WRDI command bus configuration. Hi-Z 0 1 2 3 4 5 6 7 0 0 0 0 0 1 1 0 CS SCK SI SO Figure 5. WREN Bus Configuration |
유사한 부품 번호 - FM25L256 |
|
유사한 설명 - FM25L256 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |