전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AUP1G58DBVT 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AUP1G58DBVT
상세설명  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G58DBVT 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G58DBVT Datasheet HTML 3Page - Texas Instruments SN74AUP1G58DBVT Datasheet HTML 4Page - Texas Instruments SN74AUP1G58DBVT Datasheet HTML 5Page - Texas Instruments SN74AUP1G58DBVT Datasheet HTML 6Page - Texas Instruments SN74AUP1G58DBVT Datasheet HTML 7Page - Texas Instruments SN74AUP1G58DBVT Datasheet HTML 8Page - Texas Instruments SN74AUP1G58DBVT Datasheet HTML 9Page - Texas Instruments SN74AUP1G58DBVT Datasheet HTML 10Page - Texas Instruments SN74AUP1G58DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Switching Characteristics
Switching Characteristics
SN74AUP1G58
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES504D – NOVEMBER 2003 – REVISED JUNE 2005
over recommended operating free-air temperature range, C
L = 5 pF (unless otherwise noted) (see Figure 6 and Figure 7)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
23.6
1.2 V ± 0.1 V
2.8
9.4
13.8
2.3
17.4
1.5 V ± 0.1 V
2.1
6.5
9.2
1.6
11.3
tpd
In0, In1, or In2
Y
ns
1.8 V ± 0.15 V
1.5
5.4
7.4
1
9
2.5 V ± 0.2 V
1.1
4
5.6
0.6
6.6
3.3 V ± 0.3 V
1
3.2
4.6
0.5
5.5
over recommended operating free-air temperature range, C
L = 10 pF (unless otherwise noted) (see Figure 6 and Figure 7)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
26.4
1.2 V ± 0.1 V
3.2
10.7
15.2
2.7
19
1.5 V ± 0.1 V
2
7.5
10.5
1.5
12.5
tpd
In0, In1, or In2
Y
ns
1.8 V ± 0.15 V
1.1
6.2
8.4
0.6
10.2
2.5 V ± 0.2 V
1
4.6
6.4
0.5
7.6
3.3 V ± 0.3 V
1
3.7
5.3
0.5
6.3
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 6 and Figure 7)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
29.6
1.2 V ± 0.1 V
3.8
11.8
16.8
3.3
21.1
1.5 V ± 0.1 V
2.9
8.3
11.6
2.4
13.8
tpd
In0, In1, or In2
Y
ns
1.8 V ± 0.15 V
2.2
6.8
9.3
1.7
11.3
2.5 V ± 0.2 V
1.7
5.1
7
1.2
8.4
3.3 V ± 0.3 V
1.4
4.2
5.9
0.9
7
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 6 and Figure 7)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
38.1
1.2 V ± 0.1 V
5.1
15
21.4
4.6
26.6
1.5 V ± 0.1 V
4
10.6
14.6
3.5
17.4
tpd
In0, In1, or In2
Y
ns
1.8 V ± 0.15 V
3.2
8.7
11.7
2.7
14.2
2.5 V ± 0.2 V
2.5
6.5
8.7
2
10.5
3.3 V ± 0.3 V
2.1
5.4
7.3
1.6
8.7
7


유사한 부품 번호 - SN74AUP1G58DBVT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G58DBVT TI-SN74AUP1G58DBVT Datasheet
623Kb / 19P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G58DBVT TI-SN74AUP1G58DBVT Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G58DBVTE4 TI-SN74AUP1G58DBVTE4 Datasheet
623Kb / 19P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G58DBVTE4 TI-SN74AUP1G58DBVTE4 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G58DBVTG4 TI-SN74AUP1G58DBVTG4 Datasheet
623Kb / 19P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

유사한 설명 - SN74AUP1G58DBVT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com